Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSQ0270RNA Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSQ0270RNA
Description  Green Mode Fairchild Power Switch (FPS??
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ0270RNA Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSQ0270RNA_11 Datasheet HTML 1Page - Fairchild Semiconductor FSQ0270RNA_11 Datasheet HTML 2Page - Fairchild Semiconductor FSQ0270RNA_11 Datasheet HTML 3Page - Fairchild Semiconductor FSQ0270RNA_11 Datasheet HTML 4Page - Fairchild Semiconductor FSQ0270RNA_11 Datasheet HTML 5Page - Fairchild Semiconductor FSQ0270RNA_11 Datasheet HTML 6Page - Fairchild Semiconductor FSQ0270RNA_11 Datasheet HTML 7Page - Fairchild Semiconductor FSQ0270RNA_11 Datasheet HTML 8Page - Fairchild Semiconductor FSQ0270RNA_11 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0170RNA, FSQ0270RNA Rev. 1.0.5
3
Pin Configuration
Figure 3. Pin Configuration (Top View)
Pin Definitions
Pin #
Name
Description
1GND
Ground. SenseFET source terminal on primary side and internal control
ground.
2VCC
Power Supply. Positive supply voltage input. Although connected to an aux-
iliary transformer winding, current is supplied from pin 5 (Vstr) via an internal
switch during start-up, see Figure 2. It is not until VCC reaches the UVLO upper
threshold (12V) that the internal start-up switch opens and device power is
supplied via the auxiliary transformer winding.
3FB
Feedback. The feedback voltage pin is the non-inverting input to the PWM
comparator. It has a 0.9mA current source connected internally while a capac-
itor and opto-coupler are typically connected externally. A feedback voltage of
6V triggers overload protection (OLP). There is a time delay while charging ex-
ternal capacitor CFB from 3V to 6V using an internal 5µA current source. This
time delay prevents false triggering under transient conditions, but still allows
the protection mechanism to operate under true overload conditions.
4IPK
Peak Current Limit. This pin adjusts the peak current limit of the SenseFET.
The 0.9mA feedback current source is diverted to the parallel combination of
an internal 2.8k
 resistor and any external resistor to GND on this pin. This
determines the peak current limit. If this pin is tied to VCC or left floating, the
typical peak current limit is 0.8A (FSQ0170RNA), 0.9A (FSQ0270RNA).
5Vstr
Start-up. This pin connects to the rectified AC line voltage source. At start-up,
the internal switch supplies internal bias and charges an external storage ca-
pacitor placed between the VCC pin and ground. Once the VCC reaches 12V,
the internal switch is opened.
6Drain
SenseFET drain. High-voltage power SenseFET drain connection.
7Drain
SenseFET drain. High-voltage power SenseFET drain connection.
8Drain
SenseFET drain. High-voltage power SenseFET drain connection.
GND
V
CC
I
PK
V
str
8-DIP
FB
D
D
D
FSQ0x70RNA Rev. 1.00


Similar Part No. - FSQ0270RNA_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0270RNA FAIRCHILD-FSQ0270RNA Datasheet
938Kb / 17P
   Green Mode Fairchild Power Switch (FPS??
FSQ0270RNA FAIRCHILD-FSQ0270RNA Datasheet
970Kb / 17P
   Green Mode Fairchild Power Switch (FPS??
More results

Similar Description - FSQ0270RNA_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com