Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAM3A Datasheet(PDF) 7 Page - ATMEL Corporation

Part # SAM3A
Description  AT91SAM ARM-based Flash MCU
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3A Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button SAM3A Datasheet HTML 3Page - ATMEL Corporation SAM3A Datasheet HTML 4Page - ATMEL Corporation SAM3A Datasheet HTML 5Page - ATMEL Corporation SAM3A Datasheet HTML 6Page - ATMEL Corporation SAM3A Datasheet HTML 7Page - ATMEL Corporation SAM3A Datasheet HTML 8Page - ATMEL Corporation SAM3A Datasheet HTML 9Page - ATMEL Corporation SAM3A Datasheet HTML 10Page - ATMEL Corporation SAM3A Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
9
11057BS–ATARM–13-Jul-12
SAM3X/A
9
11057BS–ATARM–13-Jul-12
SAM3X/A
3.
Signal Description
Table 3-1 gives details on the signal names classified by peripheral.
Table 3-1.
Signal Description List
Signal Name
Function
Type
Active
Level
Voltage
Reference
Comments
Power Supplies
VDDIO
Peripherals I/O Lines Power Supply
Power
1.62V to 3.6V
VDDUTMI
USB UTMI+ Interface Power Supply
Power
3.0V to 3.6V
VDDOUT
Voltage Regulator Output
Power
VDDIN
Voltage Regulator, ADC and DAC Power
Supply
Power
GNDUTMI
USB UTMI+ Interface Ground
Ground
VDDBU
Backup I/O Lines Power Supply
Power
1.62V to 3.6V
GNDBU
Backup Ground
Ground
VDDPLL
PLL A, UPLL and Oscillator Power Supply
Power
1.62 V to 1.95V
GNDPLL
PLL A, UPLL and Oscillator Ground
Ground
VDDANA
ADC and DAC Analog Power Supply
Power
2.0V to 3.6V
GNDANA
ADC and DAC Analog Ground
Ground
VDDCORE
Core Chip Power Supply
Power
1.62V to 1.95V
GND
Ground
Ground
Clocks, Oscillators and PLLs
XIN
Main Oscillator Input
Input
VDDPLL
XOUT
Main Oscillator Output
Output
XIN32
Slow Clock Oscillator Input
Input
VDDBU
XOUT32
Slow Clock Oscillator Output
Output
VBG
Bias Voltage Reference
Analog
PCK0 - PCK2
Programmable Clock Output
Output
Shutdown, Wakeup Logic
SHDN
Shut-Down Control
Output
VDDBU
0: The device is in
backup mode
1: The device is
running (not in
backup mode)
FWUP
Force Wake-up Input
Input
VDDBU
Needs external Pull-
up


Similar Part No. - SAM3A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SAM30 SSDI-SAM30 Datasheet
122Kb / 2P
   HIGH VOLTAGE RECTIFIER
SAM30F SSDI-SAM30F Datasheet
132Kb / 2P
   HIGH VOLTAGE RECTIFIER
SAM30FSMS SSDI-SAM30FSMS Datasheet
132Kb / 2P
   HIGH VOLTAGE RECTIFIER
SAM30HF SSDI-SAM30HF Datasheet
92Kb / 2P
   HIGH VOLTAGE HYPER FAST RECTIFIER
SAM30HFS SSDI-SAM30HFS Datasheet
92Kb / 2P
   HIGH VOLTAGE HYPER FAST RECTIFIER
More results

Similar Description - SAM3A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM3U ATMEL-SAM3U Datasheet
1Mb / 59P
   AT91SAM ARM-based Flash MCU
ATSAM3U1CB-AU ATMEL-ATSAM3U1CB-AU Datasheet
1Mb / 60P
   AT91SAM ARM-based Flash MCU
SAM3S ATMEL-SAM3S_14 Datasheet
7Mb / 1087P
   AT91SAM ARM-based Flash MCU
ATSAM3N1BB-MU ATMEL-ATSAM3N1BB-MU Datasheet
1Mb / 60P
   AT91SAM ARM-based Flash MCU
SAM7L128 ATMEL-SAM7L128_14 Datasheet
2Mb / 549P
   AT91SAM ARM-based Flash MCU
AT91SAM ATMEL-AT91SAM Datasheet
638Kb / 67P
   ARM-based Flash MCU
SAM7S321 ATMEL-SAM7S321_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
AT91SAM ATMEL-AT91SAM_13 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM4S ATMEL-SAM4S_14 Datasheet
6Mb / 1231P
   ARM-based Flash MCU
SAM7X128 ATMEL-SAM7X128_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com