Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAM3A Datasheet(PDF) 2 Page - ATMEL Corporation

Part # SAM3A
Description  AT91SAM ARM-based Flash MCU
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3A Datasheet(HTML) 2 Page - ATMEL Corporation

  SAM3A Datasheet HTML 1Page - ATMEL Corporation SAM3A Datasheet HTML 2Page - ATMEL Corporation SAM3A Datasheet HTML 3Page - ATMEL Corporation SAM3A Datasheet HTML 4Page - ATMEL Corporation SAM3A Datasheet HTML 5Page - ATMEL Corporation SAM3A Datasheet HTML 6Page - ATMEL Corporation SAM3A Datasheet HTML 7Page - ATMEL Corporation SAM3A Datasheet HTML 8Page - ATMEL Corporation SAM3A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 71 page
background image
4
11057BS–ATARM–13-Jul-12
SAM3X/A
4
11057BS–ATARM–13-Jul-12
SAM3X/A
1.
SAM3X/A Description
Atmel’s SAM3X/A series is a member of a family of Flash microcontrollers based on the high
performance 32-bit ARM Cortex-M3 RISC processor. It operates at a maximum speed of
84 MHz and features up to 512 Kbytes of Flash and up to 100 Kbytes of SRAM. The peripheral
set includes a High Speed USB Host and Device port with embedded transceiver, an Ethernet
MAC, 2x CANs, a High Speed MCI for SDIO/SD/MMC, an External Bus Interface with NAND
Flash controller, 5x UARTs, 2x TWIs, 4x SPIs, as well as 1 PWM timer, 9x general-purpose 32-
bit timers, an RTC, a 12-bit ADC and a 12-bit DAC.
The SAM3X/A series is ready for capacitive touch thanks to the QTouch library, offering an easy
way to implement buttons, wheels and sliders.
The SAM3X/A architecture is specifically designed to sustain high speed data transfers. It
includes a multi-layer bus matrix as well as multiple SRAM banks, PDC and DMA channels that
enable it to run tasks in parallel and maximize data throughput.
It operates from 1.62V to 3.6V and is available in 100- and 144-pin QFP and LFBGA packages.
The SAM3X/A devices are particularly well suited for networking applications: industrial and
home/building automation, gateways.


Similar Part No. - SAM3A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SAM30 SSDI-SAM30 Datasheet
122Kb / 2P
   HIGH VOLTAGE RECTIFIER
SAM30F SSDI-SAM30F Datasheet
132Kb / 2P
   HIGH VOLTAGE RECTIFIER
SAM30FSMS SSDI-SAM30FSMS Datasheet
132Kb / 2P
   HIGH VOLTAGE RECTIFIER
SAM30HF SSDI-SAM30HF Datasheet
92Kb / 2P
   HIGH VOLTAGE HYPER FAST RECTIFIER
SAM30HFS SSDI-SAM30HFS Datasheet
92Kb / 2P
   HIGH VOLTAGE HYPER FAST RECTIFIER
More results

Similar Description - SAM3A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM3U ATMEL-SAM3U Datasheet
1Mb / 59P
   AT91SAM ARM-based Flash MCU
ATSAM3U1CB-AU ATMEL-ATSAM3U1CB-AU Datasheet
1Mb / 60P
   AT91SAM ARM-based Flash MCU
SAM3S ATMEL-SAM3S_14 Datasheet
7Mb / 1087P
   AT91SAM ARM-based Flash MCU
ATSAM3N1BB-MU ATMEL-ATSAM3N1BB-MU Datasheet
1Mb / 60P
   AT91SAM ARM-based Flash MCU
SAM7L128 ATMEL-SAM7L128_14 Datasheet
2Mb / 549P
   AT91SAM ARM-based Flash MCU
AT91SAM ATMEL-AT91SAM Datasheet
638Kb / 67P
   ARM-based Flash MCU
SAM7S321 ATMEL-SAM7S321_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
AT91SAM ATMEL-AT91SAM_13 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM4S ATMEL-SAM4S_14 Datasheet
6Mb / 1231P
   ARM-based Flash MCU
SAM7X128 ATMEL-SAM7X128_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com