Electronic Components Datasheet Search |
|
SI8621 Datasheet(PDF) 11 Page - Silicon Laboratories |
|
SI8621 Datasheet(HTML) 11 Page - Silicon Laboratories |
11 / 36 page Rev. 1.3 11 Si8610/20/21/22 Table 4. Electrical Characteristics (VDD1 =2.5 V ±5%, VDD2 =2.5 V ±5%, TA = –40 to 125 ºC) Parameter Symbol Test Condition Min Typ Max Unit VDD Undervoltage Threshold VDDUV+ VDD1, VDD2 rising 1.95 2.24 2.375 V VDD Undervoltage Threshold VDDUV– VDD1, VDD2 falling 1.88 2.16 2.325 V VDD Negative-Going Lockout Hysteresis VDDHYS 50 70 95 mV Positive-Going Input Threshold VT+ All inputs rising 1.6 — 1.9 V Negative-Going Input Threshold VT– All inputs falling 1.1 — 1.4 V Input Hysteresis VHYS 0.40 0.45 0.50 V High Level Input Voltage VIH 2.0 — — V Low Level Input Voltage VIL —— 0.8 V High Level Output Voltage VOH loh = –4 mA VDD1,VDD2 –0.4 2.3 — V Low Level Output Voltage VOL lol = 4 mA — 0.2 0.4 V Input Leakage Current IL —— ±10 µA Output Impedance1 ZO —50 — DC Supply Current (All inputs 0 V or at supply) Si8610Bx, Ex VDD1 VDD2 VDD1 VDD2 VI = 0(Bx), 1(Ex) VI = 0(Bx), 1(Ex) VI = 1(Bx), 0(Ex) VI = 1(Bx), 0(Ex) — — — — 0.6 0.8 1.8 0.8 1.2 1.5 2.9 1.5 mA Si8620Bx, Ex VDD1 VDD2 VDD1 VDD2 VI = 0(Bx), 1(Ex) VI = 0(Bx), 1(Ex) VI = 1(Bx), 0(Ex) VI = 1(Bx), 0(Ex) — — — — 0.8 1.4 3.3 1.4 1.4 2.2 5.3 2.2 mA Si8621Bx, Ex VDD1 VDD2 VDD1 VDD2 VI = 0(Bx), 1(Ex) VI = 0(Bx), 1(Ex) VI = 1(Bx), 0(Ex) VI = 1(Bx), 0(Ex) — — — — 1.2 1.2 2.4 2.4 1.9 1.9 3.8 3.8 mA Si8622Bx, Ex VDD1 VDD2 VDD1 VDD2 VI = 0(Bx), 1(Ex) VI = 0(Bx), 1(Ex) VI = 1(Bx), 0(Ex) VI = 1(Bx), 0(Ex) — — — — 2.6 3.3 4.0 4.8 4.2 5.3 6.4 7.7 mA Notes: 1. The nominal output impedance of an isolator driver channel is approximately 50 , ±40%, which is a combination of the value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads where transmission line effects will be a factor, output pins should be appropriately terminated with controlled impedance PCB traces. 2. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at the same supply voltages, load, and ambient temperature. 3. Start-up time is the time period from the application of power to valid data at the output. |
Similar Part No. - SI8621 |
|
Similar Description - SI8621 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |