Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5010-60C Datasheet(PDF) 2 Page - Alpha Wire

Part # 5010-60C
Description  Customer Specification
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

5010-60C Datasheet(HTML) 2 Page - Alpha Wire

  5010-60C Datasheet HTML 1Page - Alpha Wire 5010-60C Datasheet HTML 2Page - Alpha Wire 5010-60C Datasheet HTML 3Page - Alpha Wire 5010-60C Datasheet HTML 4Page - Alpha Wire 5010-60C Datasheet HTML 5Page - Alpha Wire 5010-60C Datasheet HTML 6Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Diameters (In)
1) Component 1
60 X 1 COND
a) Conductor
22 (7/30) AWG TC
0.030
b) Insulation
0.010" Wall, Nom. PVC, Semi Rigid
0.050
(1) Color Code
Alpha Wire Color Code E


Similar Part No. - 5010-60C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010-20C ALPHAWIRE-5010-20C Datasheet
71Kb / 3P
   Customer Specification
5010-25C ALPHAWIRE-5010-25C Datasheet
72Kb / 3P
   Customer Specification
5010-30C ALPHAWIRE-5010-30C Datasheet
72Kb / 4P
   Customer Specification
5010-40C ALPHAWIRE-5010-40C Datasheet
72Kb / 5P
   Customer Specification
5010-50C ALPHAWIRE-5010-50C Datasheet
73Kb / 6P
   Customer Specification
More results

Similar Description - 5010-60C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5650B2008 ALPHAWIRE-5650B2008 Datasheet
107Kb / 4P
   Customer Specification
9159 ALPHAWIRE-9159 Datasheet
106Kb / 4P
   Customer Specification
9848 ALPHAWIRE-9848 Datasheet
106Kb / 4P
   Customer Specification
FIT-260-34 ALPHAWIRE-FIT-260-34 Datasheet
106Kb / 4P
   Customer Specification
FIT-221-116 ALPHAWIRE-FIT-221-116 Datasheet
112Kb / 4P
   Customer Specification
FIT-321V-34 ALPHAWIRE-FIT-321V-34 Datasheet
106Kb / 4P
   Customer Specification
CAP-22 ALPHAWIRE-CAP-22 Datasheet
106Kb / 4P
   Customer Specification
1604 ALPHAWIRE-1604_14 Datasheet
106Kb / 4P
   Customer Specification
FIT-295-18 ALPHAWIRE-FIT-295-18 Datasheet
107Kb / 4P
   Customer Specification
FIT-321-18 ALPHAWIRE-FIT-321-18 Datasheet
106Kb / 4P
   Customer Specification
FIT-350-316 ALPHAWIRE-FIT-350-316 Datasheet
107Kb / 4P
   Customer Specification
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com