Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLD304XT Datasheet(PDF) 4 Page - Sony Corporation

Part # SLD304XT
Description  1000mW High Power Laser Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD304XT Datasheet(HTML) 4 Page - Sony Corporation

  SLD304XT Datasheet HTML 1Page - Sony Corporation SLD304XT Datasheet HTML 2Page - Sony Corporation SLD304XT Datasheet HTML 3Page - Sony Corporation SLD304XT Datasheet HTML 4Page - Sony Corporation SLD304XT Datasheet HTML 5Page - Sony Corporation SLD304XT Datasheet HTML 6Page - Sony Corporation SLD304XT Datasheet HTML 7Page - Sony Corporation SLD304XT Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
– 4 –
SLD304XT
Differential efficiency vs. Temperature characteristics
Tth – Thermistor temperature [
°C]
–10
10
0
20
30
40
0
0.5
1.0
Power dependence of polarization ratio
Po – Optical power output [mW]
200
600
400
800
1000
0
100
400
300
200
Tth = 25
°C


Similar Part No. - SLD304XT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD304B SONY-SLD304B Datasheet
64Kb / 7P
   Block-type 1000mW High Power Laser Diode
SLD304V SONY-SLD304V Datasheet
156Kb / 7P
   1000mW High Power Laser Diode?
SLD304V-1 SONY-SLD304V-1 Datasheet
156Kb / 7P
   1000mW High Power Laser Diode?
SLD304V-2 SONY-SLD304V-2 Datasheet
156Kb / 7P
   1000mW High Power Laser Diode?
SLD304V-21 SONY-SLD304V-21 Datasheet
156Kb / 7P
   1000mW High Power Laser Diode?
More results

Similar Description - SLD304XT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD304V SONY-SLD304V Datasheet
156Kb / 7P
   1000mW High Power Laser Diode?
SLD304B SONY-SLD304B Datasheet
64Kb / 7P
   Block-type 1000mW High Power Laser Diode
logo
DB Lectro Inc
8013-2323-AU DBLECTRO-8013-2323-AU Datasheet
67Kb / 1P
   808nm 1000mW IR Laser Diodes AUTO PACKAGE
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
   High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
   High Power Laser Diode
logo
Sony Corporation
SLD302XT SONY-SLD302XT Datasheet
98Kb / 8P
   200mW High Power Laser Diode
SLD301XT SONY-SLD301XT Datasheet
98Kb / 8P
   100mW High Power Laser Diode
logo
Roithner LaserTechnik G...
RLT9830MG ROITHNER-RLT9830MG Datasheet
294Kb / 1P
   high power infrared laser diode
RLT1300-20G ROITHNER-RLT1300-20G Datasheet
107Kb / 2P
   high power infrared laser diode
RLT1550-30G ROITHNER-RLT1550-30G Datasheet
54Kb / 1P
   high power infrared laser diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com