Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLD324ZT Datasheet(PDF) 5 Page - Sony Corporation

Part # SLD324ZT
Description  High-Power Density 2W Laser Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD324ZT Datasheet(HTML) 5 Page - Sony Corporation

  SLD324ZT Datasheet HTML 1Page - Sony Corporation SLD324ZT Datasheet HTML 2Page - Sony Corporation SLD324ZT Datasheet HTML 3Page - Sony Corporation SLD324ZT Datasheet HTML 4Page - Sony Corporation SLD324ZT Datasheet HTML 5Page - Sony Corporation SLD324ZT Datasheet HTML 6Page - Sony Corporation SLD324ZT Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
– 5 –
SLD324ZT
Wavelength [nm]
790
0.00
1.00
800
Tth = 25
°C
Po = 0.8W
Wavelength [nm]
790
0.00
1.00
800
Tth = 25
°C
Po = 1.6W
Wavelength [nm]
790
0.00
1.00
800
Tth = 25
°C
Po = 1.2W
Wavelength [nm]
790
0.00
1.00
800
Tth = 25
°C
Po = 2.0W
Power dependence of spectrum


Similar Part No. - SLD324ZT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD322V SONY-SLD322V Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
SLD322V-1 SONY-SLD322V-1 Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
SLD322V-2 SONY-SLD322V-2 Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
SLD322V-21 SONY-SLD322V-21 Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
SLD322V-24 SONY-SLD322V-24 Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
More results

Similar Description - SLD324ZT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD334YT SONY-SLD334YT Datasheet
61Kb / 4P
   2W High Power Laser Diode
SLD342YT SONY-SLD342YT Datasheet
75Kb / 3P
   2W High Power Laser Diode
SLD322V SONY-SLD322V Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
SLD1324ZT SONY-SLD1324ZT Datasheet
175Kb / 7P
   High-Power Density 1W Laser Diode
SLD323V SONY-SLD323V Datasheet
68Kb / 7P
   High Power Density 1W Laser Diode
logo
Lumics GmbH
LU0808T020-RI LUMICS-LU0808T020-RI Datasheet
261Kb / 2P
   Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
LU0808T020 LUMICS-LU0808T020 Datasheet
264Kb / 2P
   Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
   High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
   High Power Laser Diode
logo
Sony Corporation
SLD302XT SONY-SLD302XT Datasheet
98Kb / 8P
   200mW High Power Laser Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com