Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2329 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # 2N2329
Description  SILICON THYRISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N2329 Datasheet(HTML) 1 Page - Comset Semiconductor

  2N2329 Datasheet HTML 1Page - Comset Semiconductor 2N2329 Datasheet HTML 2Page - Comset Semiconductor 2N2329 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2N2327 thur 2N2329
12/11/2012
COMSET SEMICONDUCTORS
1 | 3
S
SIIL
LIIC
CO
ON
N T
TH
HY
YR
RIIS
ST
TO
OR
RS
S
All-diffused PNPN thyristors designed for grating operation in mA/
µA signal
or detection circuits
Compliance to RoHS.
MAXIMUM RATINGS (*)
TJ=125°C unless otherwise noted, RGK=1000Ω
Symbol
Ratings
2N2327
2N2328
2N2329
Unit
VRSM(REP)
Peak reverse blocking voltage (1)
250
300
400
V
VRSM(NON-
REP)
Non-repetitive peak blocking reverse
voltage (t<5.0 ms)
350
400
500
V
IT(RMS)
Forward Current RMS
(all conduction angles)
1.6
A
ITSM
Peak Surge Current
(One-Half Cycle, 60Hz)
No Repetition Until Thermal Equilibrium
is Restored.
15
A
PGM
Peak Gate Power – Forward
0.1
W
PG(AV)
Average Gate Power - Forward
0.01
W
IGM
Peak Gate Current – Forward
0.1
A
VGFM
Peak Gate Voltage - Forward
6.0
V
VGRM
Peak Gate Voltage - Reverse
6.0
V
TJ
Operating Junction Temperature Range
-65 to +125
°C
TSTG
Storage Temperature Range
-65 to +150


Similar Part No. - 2N2329

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N2329 MICROSEMI-2N2329 Datasheet
67Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Seme LAB
2N2329 SEME-LAB-2N2329 Datasheet
11Kb / 1P
   Bipolar NPNP Device in a Hermetically sealed TO39 Metal Package.
logo
Central Semiconductor C...
2N2329 CENTRAL-2N2329 Datasheet
138Kb / 2P
   SILICON CONTROLLED RECTIFIER 1.6 AMPS, 25 THRU 400 VOLTS
logo
New Jersey Semi-Conduct...
2N2329 NJSEMI-2N2329 Datasheet
93Kb / 1P
   SCR, V(DRM) = 400 V TO 499.9 V
logo
Digitron Semiconductors
2N2329 DIGITRON-2N2329 Datasheet
397Kb / 3P
   SILICON CONTROLLED RECTIFIERS
More results

Similar Description - 2N2329

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
2N2322 COMSET-2N2322 Datasheet
80Kb / 3P
   SILICON THYRISTORS
logo
New Jersey Semi-Conduct...
BTX18-100 NJSEMI-BTX18-100 Datasheet
119Kb / 3P
   SILICON THYRISTORS
logo
SiPower Inc.
SPJT16J SIPOWER-SPJT16J Datasheet
399Kb / 2P
   Silicon Thyristors
logo
List of Unclassifed Man...
BTX18 ETC-BTX18 Datasheet
107Kb / 4P
   SILICON THYRISTORS
logo
SiPower Inc.
SPJT8J SIPOWER-SPJT8J Datasheet
403Kb / 2P
   Silicon Thyristors
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
   Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
   Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
   Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com