Electronic Components Datasheet Search |
|
1694100000 Datasheet(PDF) 5 Page - Weidmuller |
|
1694100000 Datasheet(HTML) 5 Page - Weidmuller |
5 / 22 page Cable glands 48 Plastic IP54 Plastic IP68 Reasonably priced cable glands IP 54 Plastic cable glands IP68; VDE, CSA and UL tested; halogene-free. EN 50262: metric Technical data Material: Polyamide connection thread M Polystyrene connection thread PG Sealing: Soft rubber Temperature: -20°C ... +60°C Protection class: IP54 (with thread sealing ring type GWDR ...-PO = IP65) Colour: similar grey RAL 7035 Technical data Material: Polyamide Sealing: Neoprene Temperature: -40°C ... +70°C (peak +100°C) Protection class: IP68 / 5 bar in the stated clamping range with GWDR Colour: similar grey RAL 7035 Ordering data Type Thread Clamp range L L1 SW1/SW2 Qty. Cat. No. Metric gland plastic IP54 VGM12-K54 M 12 x 1.5 6.0 - 8.0 32 11 19/16 50 1777080000 VGM16-K54 M 16 x 1.5 8.0 - 10.0 32 11 19/16 50 1777070000 VGM20-K54 M 20 x 1.5 8.0 - 10.0 35 11 22/19 50 1777050000 VGM25-K54 M 25 x 1.5 12.0 - 14.0 39 11 27/23 50 1777030000 VGM25-K54 M 25 x 1.5 15.0 - 17.0 39 11 27/23 50 1778830000 VGM32-K54 M 32 x 1.5 24.0 - 26.0 44.50 11 42/40 25 1777020000 VGM40-K54 M 40 x 1.5 28.0 - 30.0 44.50 11 42/40 25 1777010000 VGM50-K54 M 50 x 1.5 31.0 - 33.0 53 11 53/50 10 1776990000 VGM63-K54 M 63 x 1.5 45.0 - 47.0 58 11 65/60 10 1776980000 PG gland plastic IP54 VG 7-K54 PG 7 5.0 - 7.0 28 8 15/13 50 0521560000 VG 9-K54 PG 9 6.0 - 8.0 29 8 19/17 50 0261560000 VG 11-K54 PG 11 8.0 - 10.0 32 8 22/19 50 0260760000 VG 13.5-K54 PG 13.5 10.0 - 12.0 34 9 24/21 50 0260860000 VG 16-K54 PG 16 12.0 - 14.0 38 10 27/23 25 0261460000 VG 21-K54 PG 21 15.0 - 17.0 43.5 11 32/30 20 0260960000 VG 29-K54 PG 29 24.0 - 26.0 44.5 11 42/40 20 0261060000 VG 36-K54 PG 36 31.0 - 33.0 55 13 53/50 10 0497660000 VG 42-K54 PG 42 39.0 - 40.0 60 13 60/55 10 0497760000 VG 48-K54 PG 48 45.0 - 47.0 61 14 65/60 5 1718760000 all sizes in mm Ordering data Type Thread Clamp range L L1 SW Qty. Cat. No. Metric gland plastic Approval: VDE VG M 12 - K 68 M 12 x 1.5 3.0 - 6.5 31 8 15 50 1772280000 VG M 16 - K 68 M 16 x 1.5 5.0 - 10.0 35 10 22 50 1772290000 VG M 20 - K 68 M 20 x 1.5 6.0 - 12.0 43 10 24 50 1772300000 VG M 25 - K 68 M 25 x 1.5 13.0 - 18.0 48 10 33 25 1772310000 VG M 32 - K 68 M 32 x 1.5 18.0 - 25.0 61 15 42 20 1772320000 VG M 40 - K 68 M 40 x 1.5 22.0 - 32.0 72 15 53 20 1772330000 VG M 50 - K 68 M 50 x 1.5 30.0 - 38.0 74 18 60 10 1772340000 VG M 63 - K 68 M 63 x 1.5 34.0 - 44.0 75 18 65 5 1772350000 PG gland plastic Approval: VDE/UL VG 7-K68 PG 7 3.0 - 6.5 30.5 8.0 15 50 1568970000 VG 9-K68 PG 9 4.0 - 8.0 34 8.0 19 50 1568980000 VG 11-K68 PG 11 5.0 - 10.0 37 8.0 22 50 1568990000 VG 13.5-K68 PG 13.5 6.0 - 12.0 39 9.0 24 50 1569000000 VG 16-K68 PG 16 10.0 - 14.0 42.5 10.0 27 25 1569010000 VG 21-K68 PG 21 13.0 - 18.0 48 11.0 33 20 1569020000 VG 29-K68 PG 29 18.0 - 25.0 53 11.0 42 20 1569030000 VG 36-K68 PG 36 22.0 - 32.0 65 13.0 53 10 1569040000 VG 42-K68 PG 42 30.0 - 38.0 68 13.0 60 10 1569050000 VG 48-K68 PG 48 34.0 - 44.0 69 14.0 65 5 1718770000 NPT gland plastic Approval: UL/CSA VG NPT 3/8" 5-10-K 68 NPT 3/8" 5.0 - 10.0 42 15 22 50 1772520000 VG NPT 1/2" 6-12-K 68 NPT 1/2" 6.0 - 12.0 42 15 24 50 1772550000 VG NPT 1/2" 10-14-K 68 NPT 1/2" 10.0 - 14.0 45 15 27 25 1772560000 VG NPT 3/4" 13-18-K 68 NPT 3/4" 13.0 - 18.0 46 15 33 20 1772590000 VG NPT 1" 18-25-K 68 NPT 1" 18.0 - 25.0 60 18 42 20 1772600000 all sizes in mm L L1 L L1 a v |
Similar Part No. - 1694100000 |
|
Similar Description - 1694100000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |