Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317K Datasheet(PDF) 2 Page - Comset Semiconductor

Part # LM317K
Description  3-Terminal Positive Adjustable Regulators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

LM317K Datasheet(HTML) 2 Page - Comset Semiconductor

  LM317K Datasheet HTML 1Page - Comset Semiconductor LM317K Datasheet HTML 2Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LM317K
02/10/2012
COMSET SEMICONDUCTORS
2/2
MECHANICAL DATA CASE TO-3
Revised September 2012
         
 
Information furnished is believed to be accurate and reliable. However, Comset Semiconductors assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. Data are subject to
change without notice. Comset Semiconductors makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does Comset Semiconductors assume any liability arising out of the application or use of any product and specifically
disclaims any and all liability, including without limitation consequential or incidental damages. Comset Semiconductors’ products are not
authorized for use as critical components in life support devices or systems.
 
 
www.comsetsemi.com
info@comsetsemi.com
DIMENSIONS (mm)
min
max
A
11
13.10
B
0.97
1.15
C
1.5
1.65
D
8.32
8.92
F
19
20
G
10.70
11.1
N
16.50
17.20
P
25
26
R
4
4.09
U
38.50
39.30
V
30
30.30
Pin 1 :
Adjust.
Pin 2 :
Input
Case :
Output


Similar Part No. - LM317K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM317K STMICROELECTRONICS-LM317K Datasheet
99Kb / 11P
   1.2V TO 37V VOLTAGE REGULATOR
LM317K STMICROELECTRONICS-LM317K Datasheet
1,023Kb / 25P
   1.2 V to 37 V adjustable voltage regulators
logo
Seme LAB
LM317K SEME-LAB-LM317K Datasheet
301Kb / 7P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Inchange Semiconductor ...
LM317K ISC-LM317K Datasheet
124Kb / 1P
   Adjustable Voltage Regulator
logo
STMicroelectronics
LM317K STMICROELECTRONICS-LM317K Datasheet
1Mb / 25P
   1.2 V to 37 V adjustable voltage regulators
More results

Similar Description - LM317K

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
LM317T COMSET-LM317T Datasheet
96Kb / 2P
   3-Terminal Positive Adjustable Regulators
logo
Vishay Siliconix
LM317CM VISHAY-LM317CM Datasheet
123Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulators
29-Nov-01
LM317 VISHAY-LM317 Datasheet
118Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulators
30-Oct-02
logo
First Components Intern...
LM317 FCI-LM317 Datasheet
535Kb / 9P
   3-Terminal Adjustable Output positive voltage Regulators
LM317E FCI-LM317E Datasheet
538Kb / 9P
   LM317-3 Terminal Adjustable Output Positive Voltage Regulators
logo
Wing Shing Computer Com...
WS337L WINGS-WS337L Datasheet
113Kb / 1P
   3-TERMINAL ADJUSTABLE REGULATORS
logo
Texas Instruments
TL317 TI-TL317 Datasheet
120Kb / 7P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
LM237 TI-LM237_07 Datasheet
745Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
LM237 TI-LM237 Datasheet
273Kb / 10P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
logo
Wing Shing Computer Com...
LM317 WINGS-LM317 Datasheet
213Kb / 3P
   3-TERMINAL ADJUSTABLE REGULATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com