Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W26L010A-12 Datasheet(PDF) 9 Page - Winbond

Part # W26L010A-12
Description  64K X 16 High Speed CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W26L010A-12 Datasheet(HTML) 9 Page - Winbond

Back Button W26L010A-12 Datasheet HTML 2Page - Winbond W26L010A-12 Datasheet HTML 3Page - Winbond W26L010A-12 Datasheet HTML 4Page - Winbond W26L010A-12 Datasheet HTML 5Page - Winbond W26L010A-12 Datasheet HTML 6Page - Winbond W26L010A-12 Datasheet HTML 7Page - Winbond W26L010A-12 Datasheet HTML 8Page - Winbond W26L010A-12 Datasheet HTML 9Page - Winbond W26L010A-12 Datasheet HTML 10Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
W26L010A
Publication Release Date: July 1998
- 9 -
Revision A3
PACKAGE DIMENSIONS
44-pin Small Outline J Band
D
Seating Plane
s
b
b 1
1
44
e
1
A
y
A 2
A
L
1
e
22
23
E
E
H
c
0.330
0.178
0.013
0.007
Symbol
Min.
Nom.
Max.
Max.
Nom.
Min.
Dimension in inches
Dimension in mm
e
0.148
3.759
0.025
0.105
0.015
0.110
0.115
0.020
2.41
0.381
0.635
2.54
2.67
0.508
0.082
0.004
0
10
1.125
1.130
2.06
28.58
28.70
0.37
9.40
0
0.10
10.29
10.16
10.03
0.405
0.400
0.395
11.05
11.18
11.30
0.435
0.440 0.445
e
H E
L
y
S
1
A
b
c
D
A
A
1
2
E
b 1
0.044
0.050
0.056
1.12
1.27
1.42
0.045
1.14
10
3.585
3.251
0.138
0.128
0.026
0.028
0.032
0.66
0.711
0.813
1.120
28.45
θ
θ
44-pin Standard Type Two TSOP
L
L 1
c
E
D
H D
b
e
M
0.10 (0.004)
A
A 1
Y
A
2
θ
1.20
0.05
1.05
1.00
0.95
0.25
0.12
18.31
10.06
11.56
0.40
0.35
0.45
0.15
0.17
18.41 18.51
10.16 10.26
11.76 11.96
0.50
0.60
0.80
0.10
0.047
0.041
0.039
0.037
0.010 0.014 0.018
0.005 0.006 0.007
0.721 0.725 0.729
0.396 0.400 0.404
0.455 0.463 0.471
0.80
0.031
0.016 0.020 0.024
0.031
0.004
0.002
Dimension in inches
Min.
Nom. Max. Min.
Nom. Max.
Symbol
A
A
b
1
2
A
c
D
E
e
L
L
Y
1
H D
Dimension in mm
θ
0
5
0
5
o
o
o
o


Similar Part No. - W26L010A-12

ManufacturerPart #DatasheetDescription
logo
Winbond
W26010A WINBOND-W26010A Datasheet
158Kb / 10P
   64K 16 HIGH-SPEED CMOS STATIC RAM
W26010AJ-15 WINBOND-W26010AJ-15 Datasheet
158Kb / 10P
   64K 16 HIGH-SPEED CMOS STATIC RAM
W26010AJ-151 WINBOND-W26010AJ-151 Datasheet
158Kb / 10P
   64K 16 HIGH-SPEED CMOS STATIC RAM
W26010AJ-20 WINBOND-W26010AJ-20 Datasheet
158Kb / 10P
   64K 16 HIGH-SPEED CMOS STATIC RAM
W26010AJ-25 WINBOND-W26010AJ-25 Datasheet
158Kb / 10P
   64K 16 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - W26L010A-12

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Winbond
W26010A WINBOND-W26010A Datasheet
158Kb / 10P
   64K 16 HIGH-SPEED CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V61C51161024 MOSEL-V61C51161024 Datasheet
61Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
V61C31161024 MOSEL-V61C31161024 Datasheet
83Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
logo
Pyramid Semiconductor C...
P3C1021 PYRAMID-P3C1021 Datasheet
451Kb / 10P
   HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com