Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE64905MLBB-Z Datasheet(PDF) 4 Page - Peregrine Semiconductor Corp.

Part # PE64905MLBB-Z
Description  UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE64905MLBB-Z Datasheet(HTML) 4 Page - Peregrine Semiconductor Corp.

  PE64905MLBB-Z Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE64905MLBB-Z Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE64905MLBB-Z Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE64905MLBB-Z Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE64905MLBB-Z Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE64905MLBB-Z Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE64905MLBB-Z Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE64905MLBB-Z Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE64905MLBB-Z Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Product Specification
PE64905
Page 4 of 11
©2011-2012 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0335-06 │ UltraCMOS® RFIC Solutions
-2
-1
0
1
2
3
4
5
6
7
8
9
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
02468
10
12
14
16
18
20
22
24
26
28
30
32
State
Measured Shunt C vs. State (Temperature)
C (pF) at +85C
C (pF) at +25C
C (pF) at -40C
Delta C (%) at +85C
Delta C (%) at -40C
Figure 6. Measured Step Size vs
State (frequency)
Figure 4. Measured Shunt C (@ 100 MHz) vs
State (temperature)
Figure 8. Measured Shunt C vs
Frequency (major states)
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
Frequency (GHz)
C0
C1
C2
C4
C8
C16
C31
-262
-131
0
131
262
393
524
655
786
917
1048
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
State
100 MHz
1000 MHz
2000 MHz
2500 MHz
Figure 5. Measured Shunt S11 (major states)
Figure 7. Measured Series S11/S22 (major states)
Figure 9. Measured Series S21 vs Frequency
(major states)
Performance Plots @ 25°C and 2.6V unless otherwise specified


Similar Part No. - PE64905MLBB-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE64905 PSEMI-PE64905 Datasheet
610Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
More results

Similar Description - PE64905MLBB-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE64102 PEREGRINE-PE64102 Datasheet
999Kb / 13P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64101 PEREGRINE-PE64101 Datasheet
579Kb / 13P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64904 PEREGRINE-PE64904 Datasheet
602Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
logo
Peregrine Semiconductor
PE64906 PSEMI-PE64906 Datasheet
374Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64907 PSEMI-PE64907 Datasheet
363Kb / 10P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC)100-3000 MHz
PE64904 PSEMI-PE64904 Datasheet
602Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64102 PSEMI-PE64102 Datasheet
980Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64101 PSEMI-PE64101 Datasheet
579Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64905 PSEMI-PE64905 Datasheet
610Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64909 PSEMI-PE64909 Datasheet
376Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com