Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP145 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # TIP145
Description  NPN SILICON DARLINGTONS, SILICON POWER TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIP145 Datasheet(HTML) 1 Page - Comset Semiconductor

  TIP145 Datasheet HTML 1Page - Comset Semiconductor TIP145 Datasheet HTML 2Page - Comset Semiconductor TIP145 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TIP145 – TIP146 – TIP147
30/10/2012
COMSET SEMICONDUCTORS
1/3
N
NP
PN
N S
SIIL
LIIC
CO
ON
N D
DA
AR
RL
LIIN
NG
GT
TO
ON
NS
S,,
S
SIIL
LIIC
CO
ON
N P
PO
OW
WE
ER
R T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S
They are silicon epitaxial-base PNP transistors in monolithic Darlington configuration and are
mounted in SOT93 plastic packtage.
They are intended for use in power linear and switching application.
The complementary are TIP140, TIP141, TIP142.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage
TIP145
-60
V
TIP146
-80
TIP147
-100
VCBO
Collector-Base Voltage
TIP145
-60
V
TIP146
-80
TIP147
-100
VEBO
Emitter-Base Voltage
-5.0
V
IC
Collector Current
IC
-10
A
ICM
-15
IB
Base Current
-0.5
A
PT
Power Dissipation
@ Tmb = 25° C
125
Watts
TJ
Junction Temperature
150
°C
TS
Storage Temperature
-65 to +150
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-mb
Thermal Resistance Junction - Case
1
°C / W


Similar Part No. - TIP145

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP145 MOSPEC-TIP145 Datasheet
204Kb / 4P
   POWER TRANSISTORS(10A,60-100V,125W)
logo
Central Semiconductor C...
TIP145 CENTRAL-TIP145 Datasheet
269Kb / 2P
   SILICON POWER DARLINGTON COMPLEMENTARY TRANSISTORS
logo
Motorola, Inc
TIP145 MOTOROLA-TIP145 Datasheet
234Kb / 6P
   10 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
TIP145 FAIRCHILD-TIP145 Datasheet
175Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
logo
ON Semiconductor
TIP145 ONSEMI-TIP145 Datasheet
217Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
More results

Similar Description - TIP145

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
TIP140 COMSET-TIP140 Datasheet
74Kb / 3P
   NPN SILICON DARLINGTONS, SILICON POWER TRANSISTORS
BDV67A COMSET-BDV67A_12 Datasheet
83Kb / 5P
   NPN SILICON DARLINGTONS POWER TRANSISTORS
BDW83 COMSET-BDW83 Datasheet
121Kb / 3P
   NPN SILICON DARLINGTONS POWER TRANSISTORS
BDV67A COMSET-BDV67A Datasheet
241Kb / 5P
   NPN SILICON DARLINGTONS POWER TRANSISTORS
logo
Power Innovations Ltd
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
   NPN SILICON POWER DARLINGTONS
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW63 BOURNS-BDW63 Datasheet
113Kb / 5P
   NPN SILICON POWER DARLINGTONS
BD895A BOURNS-BD895A Datasheet
107Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
TIPL790 POINN-TIPL790 Datasheet
221Kb / 7P
   NPN SILICON POWER DARLINGTONS
logo
Transys Electronics
TIPL790 TRSYS-TIPL790 Datasheet
618Kb / 6P
   NPN SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com