Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6211 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A6211
Description  Constant-Current 3-Ampere PWM Dimmable Buck Regulator LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6211 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A6211 Datasheet HTML 1Page - Allegro MicroSystems A6211 Datasheet HTML 2Page - Allegro MicroSystems A6211 Datasheet HTML 3Page - Allegro MicroSystems A6211 Datasheet HTML 4Page - Allegro MicroSystems A6211 Datasheet HTML 5Page - Allegro MicroSystems A6211 Datasheet HTML 6Page - Allegro MicroSystems A6211 Datasheet HTML 7Page - Allegro MicroSystems A6211 Datasheet HTML 8Page - Allegro MicroSystems A6211 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Constant-Current 3-Ampere PWM Dimmable
Buck Regulator LED Driver
A6211
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Unit
Supply Voltage
VIN
–0.3 to 50
V
Bootstrap Drive Voltage
VBOOT
–0.3 to VIN+8
V
Switching Voltage
VSW
–1.5 to VIN+0.3
V
Linear Regulator Terminal
VCC
VCC to GND
–0.3 to 14
V
Enable and TON Voltage
VEN, VTON
–0.3 to VIN+0.3
V
Current Sense Voltage
VCS
–0.3 to 7
V
Operating Ambient Temperature
TA
G temperature range
–40 to 105
ºC
Maximum Junction Temperature
TJ(max)
150
ºC
Storage Temperature
Tstg
–65 to 125
ºC
Selection Guide
Part Number
Operating Ambient
Temperature, TA
Package
Packing
A6211GLJTR-T
–40ºC to 105ºC
8-pin SOICN with exposed thermal pad
3000 pieces per 13-in reel
Thermal Characteristics may require derating at maximum conditions, see application information
Characteristic
Symbol
Test Conditions*
Value
Unit
Package Thermal Resistance,
Junction to Ambient
RθJA
4-layer PCB based on JEDEC standard
35
ºC/W
Package Thermal Resistance,
Junction to Pad
RθJP
2
ºC/W
*Additional thermal information available on the Allegro website.
Pin-out Diagram
Terminal List Table
Number
Name
Function
1
VIN
Supply voltage input terminals
2
TON
Regulator on-time setting resistor terminal
3
EN
Logic input for Enable and PWM dimming
4
CS
Drive output current sense feedback
5
VCC
Internal linear regulator output
6
GND
Ground terminal
7
BOOT
DMOS gate driver bootstrap terminal
8
SW
Switched output terminals
–PAD
Exposed pad for enhanced thermal dissipation;
connect to GND
SW
BOOT
GND
VCC
VIN
TON
EN
CS
1
2
3
4
8
7
6
5
PAD


Similar Part No. - A6211

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A621 ETC2-A621 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
A621 TEKTRONIX-A621 Datasheet
2Mb / 36P
   Mixed Domain Oscilloscopes
A621 TEKTRONIX-A621 Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
A621 TEKTRONIX-A621 Datasheet
215Kb / 4P
   Current Probes
logo
Allegro MicroSystems
A6210 ALLEGRO-A6210 Datasheet
448Kb / 11P
   3 A, 2 MHz Buck-Regulating LED Driver
More results

Similar Description - A6211

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6217 ALLEGRO-A6217 Datasheet
1Mb / 19P
   Automotive-Grade, Constant-Current PWM Dimmable Buck Regulator LED Driver
logo
Integrated Silicon Solu...
IS32LT3953 ISSI-IS32LT3953 Datasheet
386Kb / 10P
   CONSTANT-CURRENT 3-AMPERE PWM DIMMABLE
logo
QX Micro Devices Co.,Lt...
QX7138 QXMD-QX7138 Datasheet
1Mb / 2P
   PWM dimmable LED constant current driver
logo
Bright Power Semiconduc...
BP2876D BPS-BP2876D Datasheet
495Kb / 2P
   PWM Dimmable Buck LED Driver
logo
Allegro MicroSystems
ALT80800 ALLEGRO-ALT80800 Datasheet
1Mb / 23P
   Automotive-Grade, Constant-Current 2.0 A PWM Dimmable Synchronous Buck LED Driver
logo
Shenzhen Huazhimei Semi...
HM7140 HMSEMI-HM7140 Datasheet
457Kb / 9P
   Dimmable constant current LED driver
logo
Maxic Technology Corpor...
MT7817CD MAXIC-MT7817CD Datasheet
291Kb / 1P
   PWM/Analog dimmable Non-isolated Constant Current LED Driver
MT7818C MAXIC-MT7818C Datasheet
291Kb / 1P
   PWM/Analog dimmable Non-isolated Constant Current LED Driver
MT7816C MAXIC-MT7816C Datasheet
291Kb / 1P
   PWM/Analog dimmable Non-isolated Constant Current LED Driver
MT7815C MAXIC-MT7815C Datasheet
286Kb / 1P
   PWM/Analog dimmable Non-isolated Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com