Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEM9PNM1AON Datasheet(PDF) 6 Page - ITT Industries

Part # DEM9PNM1AON
Description  D Subminiature Connectors
Download  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DEM9PNM1AON Datasheet(HTML) 6 Page - ITT Industries

Back Button DEM9PNM1AON Datasheet HTML 2Page - ITT Industries DEM9PNM1AON Datasheet HTML 3Page - ITT Industries DEM9PNM1AON Datasheet HTML 4Page - ITT Industries DEM9PNM1AON Datasheet HTML 5Page - ITT Industries DEM9PNM1AON Datasheet HTML 6Page - ITT Industries DEM9PNM1AON Datasheet HTML 7Page - ITT Industries DEM9PNM1AON Datasheet HTML 8Page - ITT Industries DEM9PNM1AON Datasheet HTML 9Page - ITT Industries DEM9PNM1AON Datasheet HTML 10Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
5
D Subminiature
D*NG
Straight Pressfit Termination
Part Numbers
Shell
Size
Layout
Through
Hole
Clinch Nut
# 4-40 UNC
Clinch Nut
M3
Press-In Bolt
# 4-40 UNC
Press-In Bolt
M3
DE
9
DENG9S-P1
DENGE9S-P1
DENGX9S-P1
DENGZ9S-P1
DENGL9S-P1
DA
15
DANG15S-P1
DANGE15S-P1
DANGX15S-P1
DANGZ15S-P1
DANGL15S-P1
DB
25
DBNG25S-P1
DBNGE25S-P1
DBNGX25S-P1
DBNGZ25S-P1
DBNGL25S-P1
DC
37
DCNG37S-P1
DCNGE37S-P1
DCNGX37S-P1
DCNGZ37S-P1
DCNGL37S-P1
DD
50
DDNG50S-P1
DDNGE50S-P1
DDNGX50S-P1
DDNGZ50S-P1
DDNGL50S-P1
Note: For performance class 1 (gold over PdNi finish) add -408. Example: DENG9S-P1-408.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
Mounting Types
Through Hole
Clinch Nut
Press-In Bolt
Receptacle
Engaging Face
DD Configuration
Selection Guide
For Product Features, Specifications,
Materials and Finishes, see pages 2-3.
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 274.
For panel cutouts, see page 221.
D
E
B
C
A
10
°
5,70
± 0,20
(.224
± .008)
6,00 - 0,25
(.236 - .010)
5,60 (.220)
MAX
2,15 (.085)
MAX
2,84 (.112)
5,69
(.224)
2,84 (.112)
2,15 (.085)
MAX


Similar Part No. - DEM9PNM1AON

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
DEM-211-C ATGBICS-DEM-211-C Datasheet
339Kb / 10P
   DEM-211 D-Link Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
DEM-310GT-C ATGBICS-DEM-310GT-C Datasheet
322Kb / 9P
   DEM-310GT D-Link Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
DEM-311GT-C ATGBICS-DEM-311GT-C Datasheet
293Kb / 8P
   DEM-311GT D-Link Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
DEM-314GT-C ATGBICS-DEM-314GT-C Datasheet
285Kb / 8P
   DEM-314GT D-Link Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
DEM-315GT-C ATGBICS-DEM-315GT-C Datasheet
285Kb / 8P
   DEM-315GT D-Link Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
More results

Similar Description - DEM9PNM1AON

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
ITT Industries
053515-1342 ITT-053515-1342 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0011 ITT-051528-0011 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0012 ITT-051528-0012 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-1322 ITT-053515-1322 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0016 ITT-051528-0016 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com