Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMX320C5535AZHH10 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMX320C5535AZHH10
Description  TMS320C5535, C5534, C5533,C5532 FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMX320C5535AZHH10 Datasheet(HTML) 3 Page - Texas Instruments

  TMX320C5535AZHH10 Datasheet HTML 1Page - Texas Instruments TMX320C5535AZHH10 Datasheet HTML 2Page - Texas Instruments TMX320C5535AZHH10 Datasheet HTML 3Page - Texas Instruments TMX320C5535AZHH10 Datasheet HTML 4Page - Texas Instruments TMX320C5535AZHH10 Datasheet HTML 5Page - Texas Instruments TMX320C5535AZHH10 Datasheet HTML 6Page - Texas Instruments TMX320C5535AZHH10 Datasheet HTML 7Page - Texas Instruments TMX320C5535AZHH10 Datasheet HTML 8Page - Texas Instruments TMX320C5535AZHH10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 156 page
background image
TMS320C5535
TMS320C5534, TMS320C5533, TMS320C5532
www.ti.com
SPRS737B – AUGUST 2011 – REVISED MARCH 2012
DSP_LDO (TMS320C5535 and 'C5534)—Provides 1.3 V or 1.05 V to the DSP core (CVDD), selectable
on-the-fly by software as long as operating frequency ranges are observed. For lowest power
operation, the programmer can shut down the internal DSP_LDO, cutting power to the DSP core
(CVDD) while an external supply provides power to the RTC (CVDDRTC and DVDDRTC). The RTC alarm
interrupt or the WAKEUP pin can re-enable the internal DSP_LDO and re-apply power to the DSP
core.
When DSP_LDO comes out of reset, it is enabled to 1.3 V for the bootloader to operate. For the 50-
MHz devices, DSP_LDO must be programmed to 1.05 V to match the core voltage, CVDD, for proper
operation after reset.
USB_LDO (TMS320C5535, 'C5534, and 'C5533)—Provides 1.3 V to the USB core digital
(USB_VDD1P3) and PHY circuits (USB_VDDA1P3).
These devices are supported by the industry’s award-winning eXpressDSP™, Code Composer Studio™
Integrated Development Environment (IDE), DSP/BIOS™, Texas Instruments’ algorithm standard, and the
industry’s largest third-party network. Code Composer Studio IDE features code generation tools including
a C Compiler and Linker, RTDX™, XDS100™, XDS510™, XDS560™ emulation device drivers, and
evaluation modules. The devices are also supported by the C55x DSP Library which features more than
50 foundational software kernels (FIR filters, IIR filters, FFTs, and various math functions) as well as chip
support libraries.
Copyright © 2011–2012, Texas Instruments Incorporated
Fixed-Point Digital Signal Processor
3
Submit Documentation Feedback
Product Folder Link(s): TMS320C5535 TMS320C5534 TMS320C5533 TMS320C5532


Similar Part No. - TMX320C5535AZHH10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320C5535AZHH10 TI1-TMX320C5535AZHH10 Datasheet
1Mb / 155P
[Old version datasheet]   Fixed-Point Digital Signal Processors
More results

Similar Description - TMX320C5535AZHH10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5535 TI1-TMS320C5535_V01 Datasheet
1Mb / 157P
[Old version datasheet]   TMS320C5535, C5534, C5533, C5532 Fixed-Point Digital Signal Processors
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com