Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W49F002U-90B Datasheet(PDF) 1 Page - Winbond

Part # W49F002U-90B
Description  256K X 8 CMOS FLASH MEMORY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W49F002U-90B Datasheet(HTML) 1 Page - Winbond

  W49F002U-90B Datasheet HTML 1Page - Winbond W49F002U-90B Datasheet HTML 2Page - Winbond W49F002U-90B Datasheet HTML 3Page - Winbond W49F002U-90B Datasheet HTML 4Page - Winbond W49F002U-90B Datasheet HTML 5Page - Winbond W49F002U-90B Datasheet HTML 6Page - Winbond W49F002U-90B Datasheet HTML 7Page - Winbond W49F002U-90B Datasheet HTML 8Page - Winbond W49F002U-90B Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
W49F002U
256K
× 8 CMOS FLASH MEMORY
Publication Release Date: April 2000
- 1 -
Revision A2
GENERAL DESCRIPTION
The W49F002U is a 2-megabit, 5-volt only CMOS flash memory organized as 256K
× 8 bits. The
device can be programmed and erased in-system with a standard 5V power supply. A 12-volt VPP is
not required. The unique cell architecture of the W49F002U results in fast program/erase operations
with extremely low current consumption (compared to other comparable 5-volt flash memory
products). The device can also be programmed and erased using standard EPROM programmers.
FEATURES
Single 5-volt operations:
− 5-volt Read
− 5-volt Erase
− 5-volt Program
Fast Program operation:
− Byte-by-Byte programming: 35 µS (typ.)
Fast Erase operation: 100 mS (typ.)
Fast Read access time: 70/90/120 nS
Endurance: 10K cycles (typ.)
Ten-year data retention
Hardware data protection
One 16K byte Boot Block with Lockout
protection
Two 8K byte Parameter Blocks
Two Main Memory Blocks (96K, 128K) Bytes
Low power consumption
− Active current: 25 mA (typ.)
− Standby current: 20 µA (typ.)
Automatic program and erase timing with
internal VPP generation
End of program or erase detection
− Toggle bit
− Data polling
Latched address and data
TTL compatible I/O
JEDEC standard byte-wide pinouts
Available packages: 32-pin DIP and 32-pin
TSOP and 32-pin-PLCC


Similar Part No. - W49F002U-90B

ManufacturerPart #DatasheetDescription
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F020-70 WINBOND-W49F020-70 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F020-70B WINBOND-W49F020-70B Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F020-90 WINBOND-W49F020-90 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F020-90B WINBOND-W49F020-90B Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
More results

Similar Description - W49F002U-90B

ManufacturerPart #DatasheetDescription
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C022 WINBOND-W29C022 Datasheet
166Kb / 20P
   256K x 8 CMOS FLASH MEMORY
logo
Intel Corporation
28F020 INTEL-28F020 Datasheet
878Kb / 38P
   28F020 2048K (256K X 8) CMOS FLASH MEMORY
logo
Macronix International
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com