Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W49F020-70 Datasheet(PDF) 4 Page - Winbond

Part # W49F020-70
Description  256K X 8 CMOS FLASH MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W49F020-70 Datasheet(HTML) 4 Page - Winbond

  W49F020-70 Datasheet HTML 1Page - Winbond W49F020-70 Datasheet HTML 2Page - Winbond W49F020-70 Datasheet HTML 3Page - Winbond W49F020-70 Datasheet HTML 4Page - Winbond W49F020-70 Datasheet HTML 5Page - Winbond W49F020-70 Datasheet HTML 6Page - Winbond W49F020-70 Datasheet HTML 7Page - Winbond W49F020-70 Datasheet HTML 8Page - Winbond W49F020-70 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Preliminary W49F020
- 4 -
TBP) when completing programming and return to normal read mode. Data polling and/or Toggle Bits
can be used to detect end of program cycle.
Hardware Data Protection
The integrity of the data stored in the W49F020 is also hardware protected in the following ways:
(1) Noise/Glitch Protection: A WE pulse with less than 15 nS in duration will not initiate a write cycle.
(2) VDD Power Up/Down Detection: The programming operation is inhibited when VDD is less than
2.5V typical.
(3) Write Inhibit Mode: Forcing OE low, CE high, or WE high will inhibit the write operation. This
prevents inadvertent writes during power-up or power-down periods.
(4) VDD power-on delay: When VDD has reached its sense level, the device will automatically time-out
5 mS before any write (erase/program) operation.
Data Polling (DQ7)- Write Status Detection
The W49F020 features a data polling function which used to indicate the end of a program or erase
cycle. When the W49F020 is in the internal program or erase cycle, any attemption to read DQ7 of the
last word loaded will receive the complement of the true data. Once the program or erase cycle is
completed, DQ7 will show the true data. Note that DQ7 will show logical "0" during the erase cycle, and
become logical "1" or true data when the erase cycle has been completed.
Toggle Bit (DQ6)- Write Status Detection
In addition to data polling, the W49F020 provides another method for determining the end of a program
cycle. During the internal program or erase cycle, any consecutive attempts to read DQ6 will produce
alternating 0's and 1's. When the program or erase cycle is completed, this toggling between 0's and 1's
will stop. The device is then ready for the next operation.
Product Identification
The product ID operation outputs the manufacturer code and device code. Programming equipment
automatically matches the device with its proper erase and programming algorithms.
The manufacturer and device codes can be accessed by software or hardware operation. In software
access mode, a three-word (or JEDEC 3-word) command sequence can be used to access the product
ID. A read from address 0000H outputs the manufacturer code DA(hex); and a read from address
0001H outputs the device code 8C(hex) for W49F020. The product ID operation can be terminated by a
three-word command sequence or an alternated one-word command sequence (see Command
Definition table).
In the hardware access mode, access to the product ID will be activated by forcing CE and OE low,
WE
high, and raising A9 to 12 volts.


Similar Part No. - W49F020-70

ManufacturerPart #DatasheetDescription
logo
Winbond
W49F002 WINBOND-W49F002 Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49F002U-12B WINBOND-W49F002U-12B Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49F002U-70B WINBOND-W49F002U-70B Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49F002U-90B WINBOND-W49F002U-90B Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
More results

Similar Description - W49F020-70

ManufacturerPart #DatasheetDescription
logo
Winbond
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C022 WINBOND-W29C022 Datasheet
166Kb / 20P
   256K x 8 CMOS FLASH MEMORY
logo
Intel Corporation
28F020 INTEL-28F020 Datasheet
878Kb / 38P
   28F020 2048K (256K X 8) CMOS FLASH MEMORY
logo
Macronix International
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com