Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

1738540000 Datasheet(PDF) 18 Page - Weidmuller

Part No. 1738540000
Description  Cable glands
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1738540000 Datasheet(HTML) 18 Page - Weidmuller

Back Button 1738540000 Datasheet HTML 14Page - Weidmuller 1738540000 Datasheet HTML 15Page - Weidmuller 1738540000 Datasheet HTML 16Page - Weidmuller 1738540000 Datasheet HTML 17Page - Weidmuller 1738540000 Datasheet HTML 18Page - Weidmuller 1738540000 Datasheet HTML 19Page - Weidmuller 1738540000 Datasheet HTML 20Page - Weidmuller 1738540000 Datasheet HTML 21Page - Weidmuller 1738540000 Datasheet HTML 22Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Cable glands
61
Thread
Technical data
Material:
Polyethylene
Temperature:
-20°C ... +70°C
Protection class:
IP 54
Colour:
similar grey RAL 7035
Closed version which can be can also be used as as a simple
sealing plug
Ordering data
Type
Thread
L1
Qty.
Cat. No.
PG seal stopper
DN Pg9
PG 9
9.5
50
1719640000
DN Pg11
PG 11
10
50
1719650000
DN Pg13.5
PG 13.5
12
50
1719660000
DN Pg16
PG 16
12
25
1719670000
DN Pg21
PG 21
14
20
1719680000
DN Pg29
PG 29
16
20
1719690000
DN Pg36
PG 36
19
10
1719700000
DN Pg42
PG 42
23
10
1719710000
DN Pg48
PG 48
24
5
1719720000
all sizes in mm
Stopper
Seal stopper
In order to improve conductivity, the earthing washer is inserted
into the cable gland when using lead-sheathed cables.
Please refer to the mounting instructions.
Technical data
Material:
brass
Ordering data
Type
Cable Ø
D
L
Qty.
Cat. No.
EA VS No. 6
6.0 - 11.0
13.9
4
20
1736370000
EA VS No. 7
9.0 - 15.0
18.3
4.8
20
1736380000
EA VS No. 8
12.0 - 20.0
23.8
5.7
20
1736390000
EA VS No. 9
18.0 - 26.5
31
7.2
20
1736400000
EA VS No. 10
21.0 - 32.5
38.3
8.2
20
1736410000
EA VS No. 11
28.0 - 39.5
45.3
8.8
20
1736420000
EA VS No. 12
33.0 - 46.5
52.8
9.5
20
1736430000
EA VS No. 13
40.0 - 54.5
60.8
10.1
10
1736440000
EA VS No. 14
46.5 - 61.0
71
11.4
10
1736450000
EA VS No. 15
54.0 - 72.5
60.5
12.6
10
1736460000
EA VS No. 16
63.0 - 81.5
89.5
12.6
5
1736470000
all sizes in mm
Mounting instructions
Accessories
Earthing washer, brass for lead-sheathed cables


Similar Part No. - 1738540000

ManufacturerPart No.DatasheetDescription
Festo Corporation.
Festo Corporation.
173854 FESTO-173854 Datasheet
84Kb / 1P
   Air preparation unit
8/18/22
PHOENIX CONTACT
PHOENIX CONTACT
1738542 PHOENIX-1738542 Datasheet
59Kb / 4P
   Printed-circuit board connector - MVSTBR 2,5/ 3-STFEH-5,08 BK
More results

Similar Description - 1738540000

ManufacturerPart No.DatasheetDescription
Richco, Inc.
Richco, Inc.
CG-NPT RICHCO-CG-NPT Datasheet
78Kb / 1P
   CABLE GLANDS - NPT TYPE
CG-PG RICHCO-CG-PG Datasheet
79Kb / 1P
   CABLE GLANDS - PG TYPE
TT Electronics.
TT Electronics.
DS3119 TTELEC-DS3119 Datasheet
274Kb / 1P
   Thermocouple Termination Glands & Locknuts
ABB
ABB
STE ABB-STE Datasheet
484Kb / 2P
   ABB cable glands ??STE Star Teck짰 extreme series
PHOENIX CONTACT
PHOENIX CONTACT
2316190 PHOENIX-2316190 Datasheet
58Kb / 3P
   Cable glands, plugs, and breather must be ordered separately
2316200 PHOENIX-2316200 Datasheet
69Kb / 3P
   Cable glands, plugs, and breather must be ordered separately
Amphenol Corporation
Amphenol Corporation
AIO-CSM18 AMPHENOL-AIO-CSM18 Datasheet
708Kb / 2P
   Complete line of Metal and Nylon Industrial cable glands available
M-System Co.,Ltd.
M-System Co.,Ltd.
MCN20 MSYSTEM-MCN20 Datasheet
97Kb / 3P
   CABLE
Alpha Wire
Alpha Wire
1563 ALPHAWIRE-1563 Datasheet
69Kb / 2P
   Cable
XFMRS Inc.
XFMRS Inc.
ATM9MC44 XFMRS-ATM9MC44_15 Datasheet
118Kb / 2P
   CABLE
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz