Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

1738540000 Datasheet(PDF) 8 Page - Weidmuller

Part No. 1738540000
Description  Cable glands
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1738540000 Datasheet(HTML) 8 Page - Weidmuller

Back Button 1738540000 Datasheet HTML 4Page - Weidmuller 1738540000 Datasheet HTML 5Page - Weidmuller 1738540000 Datasheet HTML 6Page - Weidmuller 1738540000 Datasheet HTML 7Page - Weidmuller 1738540000 Datasheet HTML 8Page - Weidmuller 1738540000 Datasheet HTML 9Page - Weidmuller 1738540000 Datasheet HTML 10Page - Weidmuller 1738540000 Datasheet HTML 11Page - Weidmuller 1738540000 Datasheet HTML 12Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Cable glands
51
Cable glands brass IP54 with gripping jaw
Cable glands brass for Ex-areas
With cantered strain relief
For use in hazardous areas. These cable glands are tested for
higher safety specifications with certified conformity to approvals
LCIE 97ATEX6005X.
Variant for EMC applications are available.
Technical data
Material:
Nickel plated brass
Sealing:
Universal sealing ring neoprene
Temperature:
-30°C ... +90°C
Protection class:
IP54 (with thread sealing ring type GWDR ...-PO = IP65)
Technical data
Material:
Nickel plated brass
Sealing:
Neoprene
Temperature:
-20°C ... +100°C
Protection class:
IP66 (with thread sealing ring
Type GWDR ...-NP = IP68/20 bar)
ATEX certification available
Ordering data
Type
Thread
Clamp range
L
L1
SW1/SW2
Qty.
Cat. No.
Metric gland brass IP 54, hexagonal
VG M12-MS54ZE M 12 x 1.5
5.0 - 7.0 21.50
6
14
100
1778420000
VG M12-MS54ZE M 12 x 1.5
4.0 - 9.5
22
6
17
100
1778430000
VG M16-MS54ZE M 16 x 1.5
4.0 - 9.5
26
6
18
100
1778440000
VG M20-MS54ZE M 20 x 1.5
6.0 - 11.5 26.50
6.50
22
50
1778450000
VG M20-MS54ZE M 20 x 1.5
6.0 - 13.5 26.50
6.50
22
50
1778460000
VG M25-MS54ZE M 25 x 1.5
6.0 - 15.5 27.50
7
30
50
1778470000
VG M25-MS54ZE M 25 x 1.5
9.0 - 21.5 29.50
7
30
50
1778480000
VG M32-MS54ZE M 32 x 1.5 17.0 - 29.5
33
8
39
25
1778490000
VGM40-MS54ZE
M 40 x 1.5 17.0 - 29.5
33
8
43
25
1778500000
VG M50-MS54ZE M 50 x 1.5 23.0 - 36.5
39
9
55
10
1778510000
VG M50-MS54ZE M 50 x 1.5 29.0 - 42.5
43
9
57
5
1778520000
VG M63-MS54ZE M 63 x 1.5 35.0 - 46.5
45
10
68
5
1778530000
PG gland brass IP 54, hexagonal
VG 7-MS54-ZE
PG 7
5.0 - 7.0
27
5
14/16
50
1718800000
VG 9-MS54-ZE
PG 9
4.0 - 11.0
30.5
6
17/19
50
1718810000
VG 11-MS54-ZE
PG 11
6.0 - 13.0
31.5
6
20/22
50
1718820000
VG 13.5-MS54-ZE PG 13.5
6.0 - 13.0
32
6.5
22/24
50
1718830000
VG 16-MS54-ZE
PG 16
6.0 - 16.0
33
6.5
24/27
25
1718840000
VG 21-MS54-ZE
PG 21
9.0 - 20.0
38
7
30/34
20
1718850000
VG 29-MS54-ZE
PG 29
17.0 - 28.0
43
8
40/42
20
1718860000
VG 36-MS54-ZE
PG 36
23.0 - 34.0
49.5
9
50/52
10
1718870000
VG 42-MS54-ZE
PG 42
29.0 - 40.0
53.5
10
57/62
10
1718880000
VG 48-MS54-ZE
PG 48
35.0 - 46.0
55
10
64/68
5
1718890000
all sizes in mm
Ordering data
Type
Thread
Clamp range
L
L1
SW
Qty.
Cat. No.
Metric gland brass-KV for Eex-e
VG M 16-Exe MS
M 16 x 1.5
7.0 - 11.0
28
8
22
50
1737210000
VG M 20-Exe MS
M 20 x 1.5
8.5 - 13.0
28
8
24
50
1737220000
VG M 25-Exe MS
M 25 x 1.5 13.5 - 18.0
33
9
30
25
1737230000
VG M 32-Exe MS
M 32 x 1.5 17.5 - 25.0
38
10
41
20
1737240000
VG M 40-Exe MS
M 40 x 1.5 24.5 - 33.5
49
11
52
10
1737250000
VG M 50-Exe MS
M 50 x 1.5 33.0 - 43.0
54
12
63
5
1737260000
VG M 63-Exe MS
M 63 x 1.5 43.5 - 55.0
60
13
77
5
1737270000
PG gland brass-KV for Eex-e
VG 7-Exe MS
PG 7
4.0 - 8.0
24
7
18
50
1718990000
VG 9-Exe MS
PG 9
6.0 - 11.0
28
8
22
50
1719000000
VG 11-Exe MS
PG 11
7.5 - 13.0
28
8
24
50
1719010000
VG 13.5-Exe MS
PG 13.5
7.5 - 13.0
32
8
24
50
1719020000
VG 16-Exe MS
PG 16
12.5 - 18.0
33
9
30
25
1719030000
VG 21-Exe MS
PG 21
17.5 - 23.5
38
10
41
20
1719040000
VG 29-Exe MS
PG 29
24.5 - 31.5
49
11
52
20
1719050000
VG 36-Exe MS
PG 36
33.0 - 40.5
54
12
63
10
1719060000
VG 42-Exe MS
PG 42
33.0 - 43.0
54
12
63
10
1719070000
VG 48-Exe MS
PG 48
42.5 - 52.5
60
13
77
5
1719080000
NPT brass KV for Eex-e
VG NPT 1/2" Eex-e MS
NPT 1/2"
8.5 - 13.0
36
16
24
50
1778160000
VG NPT 3/4" Eex-e MS
NPT 3/4"
13.5 - 18.0
40
16
30
25
1778150000
VG NPT 1" Eex-e MS
NPT 1"
17.5 - 25.0
48
20
41
1
1778140000
VG NPT 1 1/4" Eex-e MS
NPT 1 1/4" 24.5 - 33.5
58
20
52
1
1778130000
VG NPT 1 1/2" Eex-e MS
NPT 1 1/2" 24.5 - 33.5
58
20
52
1
1778120000
VG NPT 2" Eex-e MS
NPT 2"
33.0 - 43.0
62
20
63
1
1778110000
VG NPT 2 1/2" Eex-e MS
NPT 2 1/2" 43.5 - 55.0
75
28
77
1
1778090000
all sizes in mm
L
L1
L
L1
T


Similar Part No. - 1738540000

ManufacturerPart No.DatasheetDescription
Festo Corporation.
Festo Corporation.
173854 FESTO-173854 Datasheet
84Kb / 1P
   Air preparation unit
8/18/22
PHOENIX CONTACT
PHOENIX CONTACT
1738542 PHOENIX-1738542 Datasheet
59Kb / 4P
   Printed-circuit board connector - MVSTBR 2,5/ 3-STFEH-5,08 BK
More results

Similar Description - 1738540000

ManufacturerPart No.DatasheetDescription
Richco, Inc.
Richco, Inc.
CG-NPT RICHCO-CG-NPT Datasheet
78Kb / 1P
   CABLE GLANDS - NPT TYPE
CG-PG RICHCO-CG-PG Datasheet
79Kb / 1P
   CABLE GLANDS - PG TYPE
TT Electronics.
TT Electronics.
DS3119 TTELEC-DS3119 Datasheet
274Kb / 1P
   Thermocouple Termination Glands & Locknuts
ABB
ABB
STE ABB-STE Datasheet
484Kb / 2P
   ABB cable glands ??STE Star Teck짰 extreme series
PHOENIX CONTACT
PHOENIX CONTACT
2316190 PHOENIX-2316190 Datasheet
58Kb / 3P
   Cable glands, plugs, and breather must be ordered separately
2316200 PHOENIX-2316200 Datasheet
69Kb / 3P
   Cable glands, plugs, and breather must be ordered separately
Amphenol Corporation
Amphenol Corporation
AIO-CSM18 AMPHENOL-AIO-CSM18 Datasheet
708Kb / 2P
   Complete line of Metal and Nylon Industrial cable glands available
M-System Co.,Ltd.
M-System Co.,Ltd.
MCN20 MSYSTEM-MCN20 Datasheet
97Kb / 3P
   CABLE
Alpha Wire
Alpha Wire
1563 ALPHAWIRE-1563 Datasheet
69Kb / 2P
   Cable
XFMRS Inc.
XFMRS Inc.
ATM9MC44 XFMRS-ATM9MC44_15 Datasheet
118Kb / 2P
   CABLE
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz