Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

1738540000 Datasheet(PDF) 13 Page - Weidmuller

Part No. 1738540000
Description  Cable glands
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1738540000 Datasheet(HTML) 13 Page - Weidmuller

Back Button 1738540000 Datasheet HTML 9Page - Weidmuller 1738540000 Datasheet HTML 10Page - Weidmuller 1738540000 Datasheet HTML 11Page - Weidmuller 1738540000 Datasheet HTML 12Page - Weidmuller 1738540000 Datasheet HTML 13Page - Weidmuller 1738540000 Datasheet HTML 14Page - Weidmuller 1738540000 Datasheet HTML 15Page - Weidmuller 1738540000 Datasheet HTML 16Page - Weidmuller 1738540000 Datasheet HTML 17Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Cable glands
56
Lock nut Plastic
Lock nut Plastic Ex
Lock nut for securing plastic cable glands in accordance with
DIN 46320.
Lock nut for securing cable glands used in Ex-areas in
accordance with LCIE 97ATEX6007X.
Technical data
Material:
Polyamide, glass fibre reinforced
Temperature:
-40°C ... +70°C
Colour:
similar grey RAL 7035
DIN:
46320
Technical data
Material:
Polyamide
Temperature:
-40°C ... +70°C
Colour:
similar black RAL 9005
Ordering data
Type
Thread
D
SW
Qty.
Cat. No.
Metric gland lock nut plastic grey
SKMU M12-K GR
M 12 x 1.5
5
18
50
1772440000
SKMU M16-K GR
M 16 x 1.5
5
22
50
1772450000
SKMU M20-K GR
M 20 x 1.5
6
26
50
1772460000
SKMU M25-K GR
M 25 x 1.5
6
32
25
1772470000
SKMU M32-K GR
M 32 x 1.5
7
41
20
1772480000
SKMU M40-K GR
M 40 x 1.5
7
50
20
1772490000
SKMU M50-K GR
M 50 x 1.5
8
60
10
1772500000
SKMU M63-K GR
M 63 x 1.5
8
75
10
1772510000
PG gland lock nut plastic grey
SKMU Pg7-K GR
PG 7
5.0
19
50
1697440000
SKMU Pg9-K GR
PG 9
5.0
22
50
1697450000
SKMU Pg11-K GR
PG 11
5.0
24
50
1697460000
SKMU Pg13.5-K GR
PG 13.5
6.0
27
50
1697470000
SKMU Pg16-K GR
PG 16
6.0
30
25
1697480000
SKMU Pg21-K GR
PG 21
7.0
36
20
1698220000
SKMU Pg29-K GR
PG 29
7.0
46
20
1698230000
SKMU Pg36-K GR
PG 36
8.0
60
10
1698240000
SKMU Pg42-K GR
PG 42
8.0
65
10
1698250000
SKMU Pg48-K GR
PG 48
8.0
70
5
1719090000
all sizes in mm
Ordering data
Type
Thread
D
SW
Qty.
Cat. No.
Metric gland lock nut plastic Ex
SKMU M 16-K SW
M 16 x 1.5
5.0
22
50
1736920000
SKMU M 20-K SW
M 20 x 1.5
6.0
26
50
1736930000
SKMU M 25-K SW
M 25 x 1.5
6.0
32
25
1736940000
SKMU M 32-K SW
M 32 x 1.5
7.0
41
20
1736950000
SKMU M 40-K SW
M 40 x 1.5
7.0
50
10
1736960000
SKMU M 50-K SW
M 50 x 1.5
8.0
60
5
1736970000
SKMU M 63-K SW
M 63 x 1.5
8.0
75
5
1736980000
PG gland lock nut plastic Ex
SKMU Pg7-K SW
PG 7
5.0
19
50
1719100000
SKMU Pg9-K SW
PG 9
5.0
22
50
1719110000
SKMU Pg11-K SW
PG 11
5.0
24
50
1719120000
SKMU Pg13.5-K SW
PG 13.5
6.0
27
50
1719130000
SKMU Pg16-K SW
PG 16
6.0
30
25
1719140000
SKMU Pg21-K SW
PG 21
7.0
36
20
1719150000
SKMU Pg29-K SW
PG 29
7.0
46
20
1719160000
SKMU Pg36-K SW
PG 36
8.0
60
10
1719170000
SKMU Pg42-K SW
PG 42
8.0
65
10
1719180000
SKMU Pg48-K SW
PG 48
8.0
70
5
1719190000
all sizes in mm
Thread
Thread
T


Similar Part No. - 1738540000

ManufacturerPart No.DatasheetDescription
Festo Corporation.
Festo Corporation.
173854 FESTO-173854 Datasheet
84Kb / 1P
   Air preparation unit
8/18/22
PHOENIX CONTACT
PHOENIX CONTACT
1738542 PHOENIX-1738542 Datasheet
59Kb / 4P
   Printed-circuit board connector - MVSTBR 2,5/ 3-STFEH-5,08 BK
More results

Similar Description - 1738540000

ManufacturerPart No.DatasheetDescription
Richco, Inc.
Richco, Inc.
CG-NPT RICHCO-CG-NPT Datasheet
78Kb / 1P
   CABLE GLANDS - NPT TYPE
CG-PG RICHCO-CG-PG Datasheet
79Kb / 1P
   CABLE GLANDS - PG TYPE
TT Electronics.
TT Electronics.
DS3119 TTELEC-DS3119 Datasheet
274Kb / 1P
   Thermocouple Termination Glands & Locknuts
ABB
ABB
STE ABB-STE Datasheet
484Kb / 2P
   ABB cable glands ??STE Star Teck짰 extreme series
PHOENIX CONTACT
PHOENIX CONTACT
2316190 PHOENIX-2316190 Datasheet
58Kb / 3P
   Cable glands, plugs, and breather must be ordered separately
2316200 PHOENIX-2316200 Datasheet
69Kb / 3P
   Cable glands, plugs, and breather must be ordered separately
Amphenol Corporation
Amphenol Corporation
AIO-CSM18 AMPHENOL-AIO-CSM18 Datasheet
708Kb / 2P
   Complete line of Metal and Nylon Industrial cable glands available
M-System Co.,Ltd.
M-System Co.,Ltd.
MCN20 MSYSTEM-MCN20 Datasheet
97Kb / 3P
   CABLE
Alpha Wire
Alpha Wire
1563 ALPHAWIRE-1563 Datasheet
69Kb / 2P
   Cable
XFMRS Inc.
XFMRS Inc.
ATM9MC44 XFMRS-ATM9MC44_15 Datasheet
118Kb / 2P
   CABLE
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz