Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W49F002UT70B Datasheet(PDF) 5 Page - Winbond

Part # W49F002UT70B
Description  256K X 8 CMOS FLASH MEMORY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W49F002UT70B Datasheet(HTML) 5 Page - Winbond

  W49F002UT70B Datasheet HTML 1Page - Winbond W49F002UT70B Datasheet HTML 2Page - Winbond W49F002UT70B Datasheet HTML 3Page - Winbond W49F002UT70B Datasheet HTML 4Page - Winbond W49F002UT70B Datasheet HTML 5Page - Winbond W49F002UT70B Datasheet HTML 6Page - Winbond W49F002UT70B Datasheet HTML 7Page - Winbond W49F002UT70B Datasheet HTML 8Page - Winbond W49F002UT70B Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
W49F002U
Publication Release Date: April 2000
- 5 -
Revision A2
Toggle Bit (DQ6)- Write Status Detection
In addition to data polling, the W49F002U provides another method for determining the end of a
program cycle. During the internal program or erase cycle, any consecutive attempts to read DQ6 will
produce alternating 0's and 1's. When the program or erase cycle is completed, this toggling between
0's and 1's will stop. The device is then ready for the next operation.
Product Identification
The product ID operation outputs the manufacturer code and device code. Programming equipment
automatically matches the device with its proper erase and programming algorithms.
The manufacturer and device codes can be accessed by software or hardware operation. In the
software access mode, a three-byte (or JEDEC 3-byte) command sequence can be used to access
the product ID. A read from address 0000H outputs the manufacturer code DA(hex). A read from
address 0001H outputs the device code 0B(hex). The product ID operation can be terminated by a
three-byte command code sequence or an alternate one-byte command code sequence (see
Command Definition table).
In the hardware access mode, access to the product ID is activated by forcing CE and OE low, WE
high, and raising A9 to 12 volts.
TABLE OF OPERATING MODES
Operating Mode Selection
(VHH = 12V
± 5%)
MODE
PINS
RESET
CE
OE
WE
ADDRESS
DQ.
Read
VIH
VIL
VIL
VIH
AIN
Dout
Write
VIH
VIL
VIH
VIL
AIN
Din
Standby
VIH
VIH
X
X
X
High Z
Write Inhibit
VIH
X
VIL
X
X
High Z/DOUT
VIH
X
X
VIH
X
High Z/DOUT
Output Disable
VIH
X
VIH
X
X
High Z
Reset Mode
VIL
X
X
X
X
High Z
Product ID
VIH
VIL
VIL
VIH
A0 = VIL; A1
−A17 = VIL;
A9 = VHH
Manufacturer Code DA (Hex)
VIH
VIL
VIL
VIH
A0 = VIH; A1
−A17 = VIL;
A9 = VHH
Device Code 0B (Hex)


Similar Part No. - W49F002UT70B

ManufacturerPart #DatasheetDescription
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F020-70 WINBOND-W49F020-70 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F020-70B WINBOND-W49F020-70B Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F020-90 WINBOND-W49F020-90 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F020-90B WINBOND-W49F020-90B Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
More results

Similar Description - W49F002UT70B

ManufacturerPart #DatasheetDescription
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C022 WINBOND-W29C022 Datasheet
166Kb / 20P
   256K x 8 CMOS FLASH MEMORY
logo
Intel Corporation
28F020 INTEL-28F020 Datasheet
878Kb / 38P
   28F020 2048K (256K X 8) CMOS FLASH MEMORY
logo
Macronix International
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com