Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W49L102P-70 Datasheet(PDF) 4 Page - Winbond

Part # W49L102P-70
Description  64K X 16 CMOS 3.3V FLASH MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W49L102P-70 Datasheet(HTML) 4 Page - Winbond

  W49L102P-70 Datasheet HTML 1Page - Winbond W49L102P-70 Datasheet HTML 2Page - Winbond W49L102P-70 Datasheet HTML 3Page - Winbond W49L102P-70 Datasheet HTML 4Page - Winbond W49L102P-70 Datasheet HTML 5Page - Winbond W49L102P-70 Datasheet HTML 6Page - Winbond W49L102P-70 Datasheet HTML 7Page - Winbond W49L102P-70 Datasheet HTML 8Page - Winbond W49L102P-70 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Preliminary W49L102
- 4 -
to provide any control or timing during this operation. The device will automatically return to normal
read mode after the erase operation completed. Data polling and/or Toggle Bits can be used to detect
end of erase cycle.
Program Operation
The W49L102 is programmed on a word-by-word basis. Program operation can only change logical
data "1" to logical data "0" The erase operation (changed entire data in main memory and/or boot
block from "0" to "1" is needed before programming.
The program operation is initiated by a 4-word command cycle (see Command Codes for Word
Programming). The device will interally enter the program operation immediately after the word-
program command is entered. The internal program timer will automatically time-out (50
µS max. -
TBP) once completed and return to normal read mode. Data polling and/or Toggle Bits can be used to
detect end of program cycle.
Hardware Data Protection
The integrity of the data stored in the W49L102 is also hardware protected in the following ways:
(1) Noise/Glitch Protection: A WE pulse of less than 15 nS in duration will not initiate a write cycle.
(2) VDD Power Up/Down Detection: The programming operation is inhibited when VDD is less than
1.8V typical.
(3) Write Inhibit Mode: Forcing OE low, CE high, or WE high will inhibit the write operation. This
prevents inadvertent writes during power-up or power-down periods.
(4) VDD power-on delay: When VDD has reached its sense level, the device will automatically time-
out 10 mS before any write (erase/program) operation.
Data Polling (DQ7 & DQ15)- Write Status Detection
The W49L102 includes a data polling feature to indicate the end of a program or erase cycle. When
the W49L102 is in the internal program or erase cycle, any attempt to read DQ7 or DQ15 of the last
word loaded will receive the complement of the true data. Once the program or erase cycle is
completed, DQ7 or DQ15 will show the true data. Note that DQ7 or DQ15 will show logical "0" during
the erase cycle, and become logical "1" or true data when the erase cycle has been completed.
Toggle Bit (DQ6 & DQ14)- Write Status Detection
In addition to data polling, the W49L102 provides another method for determining the end of a
program cycle. During the internal program or erase cycle, any consecutive attempts to read DQ6 or
DQ14 will produce alternating 0's and 1's. When the program or erase cycle is completed, this toggling
between 0's and 1's will stop. The device is then ready for the next operation.
Product Identification
The product ID operation outputs the manufacturer code and device code. Programming equipment
automatically matches the device with its proper erase and programming algorithms.
The manufacturer and device codes can be accessed by software or hardware operation. In the
software access mode, a six-word (or JEDEC 3-word) command sequence can be used to access the
product ID. A read from address 0000H outputs the manufacturer code (00DAh). A read from address
0001H outputs the device code (00BFh). The product ID operation can be terminated by a three-word
command sequence or an altenate one-word command sequence (see Command Definition table).
In the hardware access mode, access to the product ID is activated by forcing CE and OE low, WE
high, and raising A9 to 12 volts.


Similar Part No. - W49L102P-70

ManufacturerPart #DatasheetDescription
logo
Winbond
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201S-70 WINBOND-W49L201S-70 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201S-90 WINBOND-W49L201S-90 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201T-70 WINBOND-W49L201T-70 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201T-90 WINBOND-W49L201T-90 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
More results

Similar Description - W49L102P-70

ManufacturerPart #DatasheetDescription
logo
Winbond
W49F102 WINBOND-W49F102 Datasheet
277Kb / 21P
   64K X 16 CMOS FLASH MEMORY
W29F102 WINBOND-W29F102 Datasheet
256Kb / 21P
   64K 16 CMOS FLASH MEMORY
W29C102 WINBOND-W29C102 Datasheet
254Kb / 21P
   64K 16 CMOS FLASH MEMORY
W29EE512 WINBOND-W29EE512 Datasheet
153Kb / 22P
   64K X 8 CMOS FLASH MEMORY
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
   512K (64K x 8) CMOS FLASH MEMORY
logo
ATMEL Corporation
AT29C1024 ATMEL-AT29C1024 Datasheet
705Kb / 12P
   1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
logo
Alliance Semiconductor ...
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
logo
Winbond
W49F201 WINBOND-W49F201 Datasheet
267Kb / 23P
   128K X 16 CMOS FLASH MEMORY
logo
Everspin Technologies I...
MR0A16A EVERSPIN-MR0A16A Datasheet
930Kb / 22P
   64K x 16 MRAM Memory
Rev. 8.3 3/2018
logo
Sharp Corporation
LH28F400SUN SHARP-LH28F400SUN Datasheet
2Mb / 43P
   4Mbit(512Kbit x 8,256Kbit x 16) 3.3V Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com