Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W49V002 Datasheet(PDF) 2 Page - Winbond

Part # W49V002
Description  256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W49V002 Datasheet(HTML) 2 Page - Winbond

  W49V002 Datasheet HTML 1Page - Winbond W49V002 Datasheet HTML 2Page - Winbond W49V002 Datasheet HTML 3Page - Winbond W49V002 Datasheet HTML 4Page - Winbond W49V002 Datasheet HTML 5Page - Winbond W49V002 Datasheet HTML 6Page - Winbond W49V002 Datasheet HTML 7Page - Winbond W49V002 Datasheet HTML 8Page - Winbond W49V002 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
W49V002FA
- 2 -
PIN CONFIGURATIONS
5
6
7
9
10
11
12
13
29
28
27
26
25
24
23
22
21
30
31
32
1
2
3
4
8
20
19
18
17
16
15
14
D
Q
1
^
F
W
H
1
v
G
N
D
D
Q
6
^
R
S
V
v
#
R
E
S
E
T
V
D
D
R
#
C
^
C
L
K
v
A
9
^
F
G
P
I
3
v
32L
PLCC
A
1
0
^
F
G
P
I
4
v
N
C
DQ0(FWH0)
A7(FGPI1)
A6(FGPI0)
A4(#TBL)
A3(ID3)
A2(ID2)
A1(ID1)
A0(ID0)
A5(#WP)
IC
VDD
DQ7(RSV)
#WE(FWH4)
#OE(#INIT)
GND
NC
GND
A
8
^
F
G
P
I
2
v
D
Q
2
^
F
W
H
2
v
D
Q
3
^
F
W
H
3
v
D
Q
4
^
R
S
V
v
D
Q
5
^
R
S
V
v
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
32L
TSOP
24
23
22
21
#WE(FWH4)
DQ4(RSV)
DQ3(FWH3)
DQ7(RSV)
DQ6(RSV)
#OE(#INIT)
NC
DQ5(RSV)
20
19
18
17
GND
A3(ID3)
IC
R/#C(CLK)
NC
VDD
GND
A10(FGPI4)
NC
A4(#TBL)
NC
A9(FGPI3)
A8(FGPI2)
#RESET
A7(FGPI1)
A6(FGPI0)
A5(#WP)
A2(ID2)
A1(ID1)
A0(ID0)
DQ2(FWH2)
DQ1(FWH1)
DQ0(FWH0)
NC
BLOCK DIAGRAM
Program-
mer
Interface
3FFFF
00000
BOOT BLOCK
16K BYTES
MAIN MEMORY
BLOCK1
32K BYTES
20000
1FFFF
3C000
3BFFF
10000
0FFFF
PARAMETER
BLOCK1
8K BYTES
PARAMETER
BLOCK2
8K BYTES
3A000
39FFF
38000
37FFF
#RESET
Interface
CLK
FWH4
IC
FWH[3:0]
A[10:0]
DQ[7:0]
#OE
#WE
R/#C
MAIN MEMORY
BLOCK2
64K BYTES
MAIN MEMORY
BLOCK3
64K BYTES
30000
2FFFF
MAIN MEMORY
BLOCK4
64K BYTES
#INIT
#TBL
#WP
PIN DESCRIPTION
SYM.
INTERFACE
PIN NAME
PGM
FWH
IC
*
*
Interface Mode Selection
#RESET
*
*
Reset
#INIT
*
Initialize
#TBL
*
Top Boot Block Lock
#WP
*
Write Protect
CLK
*
CLK Input
FGPI[4:0]
*
General Purpose Inputs
ID[3:0]
*
Identification Inputs They
Are Internal Pull Down to
VSS
FWH[3:0]
*
Address/Data Inputs
FWH4
*
FWH Cycle Initial
R/#C
*
Row/Column Select
A[10:0]
*
Address Inputs
DQ[7:0]
*
Data Inputs/Outputs
#OE
*
Output Enable
#WE
*
Write Enable
VDD
*
*
Power Supply
GND
*
*
Ground
RSV
*
*
Reserved Pins
NC
*
*
No Connection


Similar Part No. - W49V002

ManufacturerPart #DatasheetDescription
logo
Winbond
W49V002 WINBOND-W49V002 Datasheet
290Kb / 32P
   256K x 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W49V002 WINBOND-W49V002 Datasheet
351Kb / 23P
   256K x 8CMOS FLASH MEMORY WITH LPC INTERFACE
W49V002A WINBOND-W49V002A Datasheet
290Kb / 32P
   256K x 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W49V002AP WINBOND-W49V002AP Datasheet
290Kb / 32P
   256K x 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W49V002AQ WINBOND-W49V002AQ Datasheet
290Kb / 32P
   256K x 8 CMOS FLASH MEMORY WITH LPC INTERFACE
More results

Similar Description - W49V002

ManufacturerPart #DatasheetDescription
logo
Winbond
W39V040FB WINBOND-W39V040FB Datasheet
365Kb / 33P
   512K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V080FA WINBOND-W39V080FA Datasheet
296Kb / 35P
   1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W49V002A WINBOND-W49V002A Datasheet
290Kb / 32P
   256K x 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040FB WINBOND-W39V040FB_07 Datasheet
346Kb / 34P
   512K 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040FC WINBOND-W39V040FC Datasheet
363Kb / 36P
   512K 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040FA WINBOND-W39V040FA Datasheet
518Kb / 36P
   512K X 8 CMOS FLASH MEMORY WITH FWH INERFACE
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com