Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR100-8 Datasheet(PDF) 1 Page - Apollo Electron Co., Ltd.

Part # CR100-8
Description  Sensitive Gate Silicon Controlled Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APOLLOELECTRON [Apollo Electron Co., Ltd.]
Direct Link  http://www.aelectron.com
Logo APOLLOELECTRON - Apollo Electron Co., Ltd.

CR100-8 Datasheet(HTML) 1 Page - Apollo Electron Co., Ltd.

  CR100-8 Datasheet HTML 1Page - Apollo Electron Co., Ltd. CR100-8 Datasheet HTML 2Page - Apollo Electron Co., Ltd. CR100-8 Datasheet HTML 3Page - Apollo Electron Co., Ltd. CR100-8 Datasheet HTML 4Page - Apollo Electron Co., Ltd. CR100-8 Datasheet HTML 5Page - Apollo Electron Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
3
2
Absolute Maximum Ratings ( TJ = 25°C unless otherwise specified )
Symbol
Parameter
Condition
Ratings
Units
VDRM
Repetitive Peak Off-State Voltage
sine wave,50 to 60Hz
600
V
IT(AV)
Average On-State Current
half sine wave : TC = 83 °C
0.5
A
IT(RMS)
R.M.S On-State Current
All Conduction Angle
1.0
A
ITSM
Surge On-State Current
1/2 Cycle, 60Hz, sine wave
non-repetitive , t = 8.3ms
10
A
I2t
I2t for Fusing
t = 8.3ms
0.415
A2s
PGM
Forward Peak Gate Power Dissipation
TA = 25 °C, pulse width ≤ 1.0
2W
PG(AV)
Forward Average Gate Power Dissipation
TA = 25 °C, t = 8.3ms
0.1
W
IFGM
Forward Peak Gate Current
TA = 25 °C, pulse width ≤ 1.0
1A
VRGM
Reverse Peak Gate Voltage
TA = 25 °C, pulse width ≤ 1.0
5.0
V
TJ
Operating Junction Temperature
- 40 ~ 110
°C
TSTG
Storage Temperature
- 40 ~ 150
°C
CR100-8
April, 2010. Rev.1
1
/5
Features
Repetitive Peak Off-State Voltage : 600V
R.M.S On-State Current ( IT(RMS)= 1.0 A )
Low On-State Voltage (1.3V(Typ.))
General Description
Sensitive-gate triggering thyristor is suit able for the a pplication where g ate cu rrent lim ited such as
small motor control, gate driver for large thyristor, sensing and detecting circuits.
3. Anode
2.Gate
1.Cathode
Symbol
IT(RMS) = 1.0A
ITSM = 10A
BVDRM = 600V
Sensitive Gate Silicon Controlled Rectifiers
TO-92
copyright @ Apollo Electron Co., Ltd. All rights reserved.
This device may substitute for MCR100-6, MCR100-8 series.


Similar Part No. - CR100-8

ManufacturerPart #DatasheetDescription
logo
Apollo Electron Co., Lt...
CR100-6 APOLLOELECTRON-CR100-6 Datasheet
738Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
logo
GSR Technology Ltd
CR100-CRM GSR-CR100-CRM Datasheet
729Kb / 2P
   3rd/2nd Gen Intel짰 CoreTM Mini-ITX
More results

Similar Description - CR100-8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
C106 ONSEMI-C106 Datasheet
62Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com