Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF8A80 Datasheet(PDF) 5 Page - Apollo Electron Co., Ltd.

Part # TF8A80
Description  Standard Triac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APOLLOELECTRON [Apollo Electron Co., Ltd.]
Direct Link  http://www.aelectron.com
Logo APOLLOELECTRON - Apollo Electron Co., Ltd.

TF8A80 Datasheet(HTML) 5 Page - Apollo Electron Co., Ltd.

  TF8A80 Datasheet HTML 1Page - Apollo Electron Co., Ltd. TF8A80 Datasheet HTML 2Page - Apollo Electron Co., Ltd. TF8A80 Datasheet HTML 3Page - Apollo Electron Co., Ltd. TF8A80 Datasheet HTML 4Page - Apollo Electron Co., Ltd. TF8A80 Datasheet HTML 5Page - Apollo Electron Co., Ltd. TF8A80 Datasheet HTML 6Page - Apollo Electron Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TF8A80
5/6
TO-220F Package Dimension
Sym bol
INCHES
MILLIMETERS
MIN
TYP
MAX
MIN
TYP
A
9.88
10.08
10.28
25.10
25.60
26.11
B
15.30
15.50
15.70
38.86
39.37
39.88
C
2.95
3.00
3.05
7.49
7.62
7.75
D
10.30
10.50
10.70
26.16
26.67
27.18
E
0.95
1.08
1.20
2.41
2.74
3.05
F
1.81
1.84
1.87
4.60
4.67
4.75
G
0.50
0.70
0.90
1.27
1.78
2.29
H
3.00
3.20
3.40
7.62
8.13
8.64
I
4.35
4.45
4.55
11.05
11.30
11.56
J
6.20
6.40
6.60
15.75
16.26
16.76
K
0.41
0.51
0.61
1.03
1.28
1.54
L
2.30
2.50
2.70
5.84
6.35
6.86
M
2.53
2.73
2.93
6.43
6.93
7.44
N
2.34
2.54
2.74
5.94
6.45
6.96


Similar Part No. - TF8A80

ManufacturerPart #DatasheetDescription
logo
Apollo Electron Co., Lt...
TF8A60 APOLLOELECTRON-TF8A60 Datasheet
2Mb / 6P
   Standard Triac
More results

Similar Description - TF8A80

ManufacturerPart #DatasheetDescription
logo
Apollo Electron Co., Lt...
TF4A60 APOLLOELECTRON-TF4A60 Datasheet
2Mb / 5P
   Standard Triac
TF8A60 APOLLOELECTRON-TF8A60 Datasheet
2Mb / 6P
   Standard Triac
TF12A80 APOLLOELECTRON-TF12A80 Datasheet
1Mb / 6P
   Standard Triac
TD8A60 APOLLOELECTRON-TD8A60 Datasheet
1Mb / 5P
   Standard Triac
TF6A60 APOLLOELECTRON-TF6A60 Datasheet
3Mb / 6P
   Standard Triac
TF25A60 APOLLOELECTRON-TF25A60 Datasheet
1Mb / 6P
   Standard Triac
TF16A60 APOLLOELECTRON-TF16A60 Datasheet
2Mb / 6P
   Standard Triac
logo
Unisonic Technologies
BTA40 UTC-BTA40_15 Datasheet
170Kb / 3P
   40A STANDARD TRIAC
BTA40 UTC-BTA40 Datasheet
164Kb / 3P
   40A STANDARD TRIAC
logo
STMicroelectronics
BTB04-600SL STMICROELECTRONICS-BTB04-600SL Datasheet
69Kb / 5P
   STANDARD 4A TRIAC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com