Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTB08-600 Datasheet(PDF) 2 Page - Apollo Electron Co., Ltd.

Part # BTB08-600
Description  Standard Triac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APOLLOELECTRON [Apollo Electron Co., Ltd.]
Direct Link  http://www.aelectron.com
Logo APOLLOELECTRON - Apollo Electron Co., Ltd.

BTB08-600 Datasheet(HTML) 2 Page - Apollo Electron Co., Ltd.

  BTB08-600 Datasheet HTML 1Page - Apollo Electron Co., Ltd. BTB08-600 Datasheet HTML 2Page - Apollo Electron Co., Ltd. BTB08-600 Datasheet HTML 3Page - Apollo Electron Co., Ltd. BTB08-600 Datasheet HTML 4Page - Apollo Electron Co., Ltd. BTB08-600 Datasheet HTML 5Page - Apollo Electron Co., Ltd. BTB08-600 Datasheet HTML 6Page - Apollo Electron Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics (Tj=25 °C unless otherwise specified)
Symbol
Items
Conditions
Ratings
Unit
Min.
Typ.
Max.
IDRM
Repetitive Peak Off-State
Current
VD = VDRM, Single Phase, Half Wave
Tj = 125 °C
──
2
mA
VTM
Peak On-State Voltage
ITM = 11 A, TP=380㎲
---
1.55
V
I+GT1
Gate Trigger Current
VD = 12 V, RL=30 Ω
──
30
mA
I -GT1
──
30
I -GT3
──
30
V+GT1
Gate Trigger Voltage
VD =12 V, RL=30 Ω
──
1.5
V
V-GT1
──
1.5
V-GT3
──
1.5
VGD
Non-Trigger Gate Voltage
Tj= 125 °C, VD = VDRM, RL=3.3K Ω
0.2
---
V
dv/dt
Critical Rate of Rise Off-State
Voltage
Tj = 125 °C,
VD=2/3 VDRM
200
--
--
V/㎲
IH
Holding Current
IT=0.2A
--
--
50
mA
TF8A80
2/6


Similar Part No. - BTB08-600

ManufacturerPart #DatasheetDescription
logo
Apollo Electron Co., Lt...
BTB08-600 APOLLOELECTRON-BTB08-600 Datasheet
2Mb / 6P
   Standard Triac
logo
STMicroelectronics
BTB08-600A STMICROELECTRONICS-BTB08-600A Datasheet
68Kb / 5P
   SENSITIVE GATE TRIACS
BTB08-600B STMICROELECTRONICS-BTB08-600B Datasheet
189Kb / 4P
   TRIACS
BTB08-600B STMICROELECTRONICS-BTB08-600B Datasheet
151Kb / 12P
   Snubberless?? logic level and standard 8 A Triacs
logo
JIEJIE MICROELECTRONICS...
BTB08-600B JIEJIE-BTB08-600B Datasheet
589Kb / 5P
   8A TRIACs
More results

Similar Description - BTB08-600

ManufacturerPart #DatasheetDescription
logo
Apollo Electron Co., Lt...
TF4A60 APOLLOELECTRON-TF4A60 Datasheet
2Mb / 5P
   Standard Triac
TF8A60 APOLLOELECTRON-TF8A60 Datasheet
2Mb / 6P
   Standard Triac
TF12A80 APOLLOELECTRON-TF12A80 Datasheet
1Mb / 6P
   Standard Triac
TD8A60 APOLLOELECTRON-TD8A60 Datasheet
1Mb / 5P
   Standard Triac
TF6A60 APOLLOELECTRON-TF6A60 Datasheet
3Mb / 6P
   Standard Triac
TF25A60 APOLLOELECTRON-TF25A60 Datasheet
1Mb / 6P
   Standard Triac
TF16A60 APOLLOELECTRON-TF16A60 Datasheet
2Mb / 6P
   Standard Triac
logo
Unisonic Technologies
BTA40 UTC-BTA40_15 Datasheet
170Kb / 3P
   40A STANDARD TRIAC
BTA40 UTC-BTA40 Datasheet
164Kb / 3P
   40A STANDARD TRIAC
logo
STMicroelectronics
BTB04-600SL STMICROELECTRONICS-BTB04-600SL Datasheet
69Kb / 5P
   STANDARD 4A TRIAC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com