Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W77E468F-40 Datasheet(PDF) 8 Page - Winbond

Part # W77E468F-40
Description  8 BIT MICROCONTROLLER
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77E468F-40 Datasheet(HTML) 8 Page - Winbond

Back Button W77E468F-40 Datasheet HTML 4Page - Winbond W77E468F-40 Datasheet HTML 5Page - Winbond W77E468F-40 Datasheet HTML 6Page - Winbond W77E468F-40 Datasheet HTML 7Page - Winbond W77E468F-40 Datasheet HTML 8Page - Winbond W77E468F-40 Datasheet HTML 9Page - Winbond W77E468F-40 Datasheet HTML 10Page - Winbond W77E468F-40 Datasheet HTML 11Page - Winbond W77E468F-40 Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
Preliminary W77E468
- 8 -
Data Pointers:
The original 8052 had only one 16-bit Data Pointer (DPL, DPH). In the W77E468, there is an
additional 16-bit Data Pointer (DPL1, DPH1). This new Data Pointer uses two SFR locations which
were unused in the original 8052. In addition there is an added instruction, DEC DPTR (op-code
A5H), which helps in improving programming flexibility for the user.
Power Management:
Like the standard 80C52, the W77E468 also has IDLE and POWER DOWN modes of operation. The
W77E468 provides a new Economy mode which allow user to switch the internal clock rate divided by
either 4, 64 or 1024. In the IDLE mode, the clock to the CPU core is stopped while the timers, serial
ports and interrupts clock continue to operate. In the POWER DOWN mode, all the clock are stopped
and the chip operation is completely stopped. This is the lowest power consumption state.
On-chip Data SRAM:
The W77E468 has 1K Bytes of data space SRAM which is read/write accessible and is memory
mapped. This on-chip MOVX SRAM is reached by the MOVX instruction. It is not used for executable
program memory. There is no conflict or overlap among the 256 bytes Scratchpad RAM and the 1K
Bytes MOVX SRAM as they use different addressing modes and separate instructions. The on-chip
MOVX SRAM is enabled by setting the DME0 bit in the PMR register. After a reset, the DME0 bit is
cleared such that the on-chip MOVX SRAM is disabled, and all data memory spaces 0000H
−FFFFH
access to the external memory.
MEMORY ORGANIZATION
The W77E468 separates the memory into two separate sections, the Program Memory and the Data
Memory. The Program Memory is used to store the instruction op-codes, while the Data Memory is
used to store data or for memory mapped devices.
Program Memory:
The Program Memory on the W77E468 can be up to 64Kbytes long. There is also on-chip ROM
which can be used
similarly to that of the 8052, except that the ROM size is 32Kbytes. All
instructions are fetched for execution from this memory area. The MOVC instruction can also access
this memory region. Exceeding the maximum address of on-chip ROM will access to the external
memory.


Similar Part No. - W77E468F-40

ManufacturerPart #DatasheetDescription
logo
Winbond
W77E058A WINBOND-W77E058A Datasheet
577Kb / 87P
   8-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
W77E058A ETC2-W77E058A Datasheet
1Mb / 87P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W77E058A NUVOTON-W77E058A Datasheet
1Mb / 87P
   8-BIT MICROCONTROLLER
logo
Winbond
W77E058A40DL WINBOND-W77E058A40DL Datasheet
577Kb / 87P
   8-BIT MICROCONTROLLER
logo
Nuvotem Talema
W77E058A40DL TALEMA-W77E058A40DL Datasheet
904Kb / 87P
   GENERAL DESCRIPTION
More results

Similar Description - W77E468F-40

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com