Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W77LE58P-25 Datasheet(PDF) 5 Page - Winbond

Part # W77LE58P-25
Description  8 BIT MICROCONTROLLER
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77LE58P-25 Datasheet(HTML) 5 Page - Winbond

  W77LE58P-25 Datasheet HTML 1Page - Winbond W77LE58P-25 Datasheet HTML 2Page - Winbond W77LE58P-25 Datasheet HTML 3Page - Winbond W77LE58P-25 Datasheet HTML 4Page - Winbond W77LE58P-25 Datasheet HTML 5Page - Winbond W77LE58P-25 Datasheet HTML 6Page - Winbond W77LE58P-25 Datasheet HTML 7Page - Winbond W77LE58P-25 Datasheet HTML 8Page - Winbond W77LE58P-25 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 81 page
background image
Preliminary W77LE58
Publication Release Date: August 1999
- 5 -
Revision A1
Pin Description, continued
SYMBOL
TYPE
DESCRIPTIONS
P3.0
−P3.7
I/O
PORT 3: Port 3 is a bi-directional I/O port with internal pull-ups. All bits have
alternate functions, which are described below:
RXD (P3.0) : Serial Port 0 input
TXD (P3.1) : Serial Port 0 output
INT0 (P3.2) : External Interrupt 0
INT1 (P3.3) : External Interrupt 1
T0 (P3.4)
: Timer 0 External Input
T1 (P3.5)
: Timer 1 External Input
WR (P3.6) : External Data Memory Write Strobe
RD (P3.7) : External Data Memory Read Strobe
P4.0
−P4.3
I/O
PORT 4: Port 4 is a 4-bit bi-directional I/O port. The P4.0 also provides the
alternate function WAIT which is the wait state control signal.
* Note: TYPE I: input, O: output, I/O: bi-directional.


Similar Part No. - W77LE58P-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W77LE58 ETC2-W77LE58 Datasheet
1Mb / 82P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W77LE58 NUVOTON-W77LE58 Datasheet
1Mb / 82P
   8-BIT MICROCONTROLLER
logo
Winbond
W77LE58 WINBOND-W77LE58_07 Datasheet
614Kb / 82P
   8-BIT MICROCONTROLLER
More results

Similar Description - W77LE58P-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com