Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78C33B-24 Datasheet(PDF) 1 Page - Winbond

Part # W78C33B-24
Description  8-BIT MICROCONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78C33B-24 Datasheet(HTML) 1 Page - Winbond

  W78C33B-24 Datasheet HTML 1Page - Winbond W78C33B-24 Datasheet HTML 2Page - Winbond W78C33B-24 Datasheet HTML 3Page - Winbond W78C33B-24 Datasheet HTML 4Page - Winbond W78C33B-24 Datasheet HTML 5Page - Winbond W78C33B-24 Datasheet HTML 6Page - Winbond W78C33B-24 Datasheet HTML 7Page - Winbond W78C33B-24 Datasheet HTML 8Page - Winbond W78C33B-24 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Preliminary W78C33B
8-BIT MICROCONTROLLER
Publication Release Date: June 1998
- 1 -
Revision A1
GENERAL DESCRIPTION
The W78C33B microcontroller supplies a wider frequency range than most 8-bit microcontrollers on
the market. It is functional compatible with the industry standard 80C32 microcontroller series except
the one extra 4-bit bit-addressable I/O port (Port 4).
The W78C33B contains four 8-bit bidirectional parallel ports, three 16-bit timer/counters, and a serial
port. These peripherals are supported by a six-source, two-level interrupt capability. There are 256
bytes of RAM, and the device supports ROMless operation for application programs.
The W78C33B microcontroller has two power reduction modes, idle mode and power-down mode,
both of which are software selectable. The idle mode turns off the processor clock but allows for
continued peripheral operation. The power-down mode stops the crystal oscillator for minimum power
consumption. The external clock can be stopped at any time and in any state without affecting the
processor.
FEATURES
8-bit CMOS microcontroller
Fully static design
Low standby current at full supply voltage
DC-40 MHz operation
256 bytes of on-chip scratchpad RAM
ROMless operation
64K bytes program memory address space
64K bytes data memory address space
Four 8-bit bidirectional ports
• One extra 4-bit bidirectional port
Three 16-bit timer/counters
One full duplex serial port
Boolean processor
• Six-source, two-level interrupt capability
Built-in power management
Packages:
− PLCC 44: W78C33BP-24/40
− QFP 44: W78C33BF-24/40
− TQFP 44: W78C33BM-24/40


Similar Part No. - W78C33B-24

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C31 WINBOND-W78C31 Datasheet
272Kb / 28P
   8-BIT EMULATION MICROCONTROLLER
W78C32 WINBOND-W78C32 Datasheet
272Kb / 28P
   8-BIT EMULATION MICROCONTROLLER
W78C32B WINBOND-W78C32B Datasheet
546Kb / 14P
   8-BIT MICROCONTROLLER
W78C32B-16 WINBOND-W78C32B-16 Datasheet
546Kb / 14P
   8-BIT MICROCONTROLLER
W78C32B-24 WINBOND-W78C32B-24 Datasheet
546Kb / 14P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78C33B-24

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com