Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78C354 Datasheet(PDF) 3 Page - Winbond

Part # W78C354
Description  MONITOR MICROCONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78C354 Datasheet(HTML) 3 Page - Winbond

  W78C354 Datasheet HTML 1Page - Winbond W78C354 Datasheet HTML 2Page - Winbond W78C354 Datasheet HTML 3Page - Winbond W78C354 Datasheet HTML 4Page - Winbond W78C354 Datasheet HTML 5Page - Winbond W78C354 Datasheet HTML 6Page - Winbond W78C354 Datasheet HTML 7Page - Winbond W78C354 Datasheet HTML 8Page - Winbond W78C354 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
W78C354
Publication Release Date: October 1996
- 3 -
Revision A1
PIN ARRANGEMENT REFERENCE TABLE
DIP-40
DIP-48 PLCC-68
PIN NAME
DIP-40
DIP-48 PLCC-68
PIN NAME
22
24
33
RST
-
-
37
ADC1
15
17
25
HIN
-
-
39
ADC2(P1.6)
16
18
26
VIN
-
-
40
ADC3(P1.7)
17
19
27
HOUT
-
27
38
VAA
18
20
28
VOUT
-
25
35
VSSA
35
42
60
SDAC0
11
11
17
P2.0
36
44
62
SDAC1
12
12
18
P2.1
37
45
63
SDAC2
13
13
21
P2.2
38
46
65
SDAC3
14
14
22
P2.3 (STP)
39
47
66
SDAC4
4
4
8
P2.4 (SDAC10)
1
1
3
SDAC5
5
5
9
P2.5 (SDAC11)
2
2
4
SDAC6
6
6
12
P2.6 (SDAC12)
3
3
5
SDAC7
7
7
13
P2.7 (SDAC13)
-
-
6
SDAC8
20
22
31
P3.0 (RXD )
-
-
7
SDAC9
21
23
32
P3.1 (TXD )
-
-
10
SDAC10
25
29
42
P3.2 (INT0)
-
-
11
SDAC11
-
43
61
P3.3
-
-
19
SDAC12
-
15
23
P3.4 (T0)
-
-
20
SDAC13
-
16
24
P3.5 (T1)
19
21
29
BSDAC0
-
30
43
P3.6
-
-
30
BSDAC1
-
-
67
P3.7
40
48
68
VDD
-
-
44
P4.0
10
10
16
VSS
-
-
45
P4.1
34
41
59
BDDAC
-
-
53
P4.2
33
38
56
DDAC0
-
-
55
P4.3
-
39
57
DDAC1
-
-
64
P4.4
-
40
58
DDAC2
-
-
1
P4.5
26
31
46
P1.0 (ISCL)
-
-
2
P4.6
27
32
47
P1.1 (ISDA)
24
28
41
NC
28
33
48
P1.2 (DSCL)
32
37
54
VPP
29
34
49
P1.3 (DSDA)
-
-
52
VDD
30
35
50
P1.4 (HCLAMP)
-
-
34
VSS
31
36
51
P1.5 (SOA)
8
8
14
OSCOUT
23
26
36
ADC0
9
9
15
OSCIN


Similar Part No. - W78C354

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C31 WINBOND-W78C31 Datasheet
272Kb / 28P
   8-BIT EMULATION MICROCONTROLLER
W78C32 WINBOND-W78C32 Datasheet
272Kb / 28P
   8-BIT EMULATION MICROCONTROLLER
W78C32B WINBOND-W78C32B Datasheet
546Kb / 14P
   8-BIT MICROCONTROLLER
W78C32B-16 WINBOND-W78C32B-16 Datasheet
546Kb / 14P
   8-BIT MICROCONTROLLER
W78C32B-24 WINBOND-W78C32B-24 Datasheet
546Kb / 14P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78C354

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E354 WINBOND-W78E354 Datasheet
430Kb / 45P
   MONITOR MICROCONTROLLER
W78E378 WINBOND-W78E378 Datasheet
396Kb / 38P
   MONITOR MICROCONTROLLER
logo
List of Unclassifed Man...
NT91315XL ETC-NT91315XL Datasheet
994Kb / 22P
   Microcontroller for Monitor
NT6861 ETC-NT6861 Datasheet
455Kb / 44P
   8-Bit Microcontroller for Monitor
WT6132 ETC-WT6132 Datasheet
377Kb / 39P
   microcontroller for digital controlled monitor
NT6862 ETC-NT6862 Datasheet
580Kb / 57P
   8-Bit Microcontroller for Monitor
logo
NXP Semiconductors
PCE84C882 PHILIPS-PCE84C882 Datasheet
266Kb / 60P
   Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
PCE84C886 PHILIPS-PCE84C886 Datasheet
322Kb / 56P
   Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
logo
List of Unclassifed Man...
NT68P62-01 ETC-NT68P62-01 Datasheet
528Kb / 56P
   8-Bit Microcontroller for Monitor (32K OTP ROM Type)
NT68F62 ETC1-NT68F62 Datasheet
509Kb / 57P
   8-Bit Microcontroller for Monitor (32K Flash MTP Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com