Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78CE354P Datasheet(PDF) 1 Page - Winbond

Part # W78CE354P
Description  MONITOR MICROCONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78CE354P Datasheet(HTML) 1 Page - Winbond

  W78CE354P Datasheet HTML 1Page - Winbond W78CE354P Datasheet HTML 2Page - Winbond W78CE354P Datasheet HTML 3Page - Winbond W78CE354P Datasheet HTML 4Page - Winbond W78CE354P Datasheet HTML 5Page - Winbond W78CE354P Datasheet HTML 6Page - Winbond W78CE354P Datasheet HTML 7Page - Winbond W78CE354P Datasheet HTML 8Page - Winbond W78CE354P Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Preliminary W78C354
MONITOR MICROCONTROLLER
Publication Release Date: October 1996
- 1 -
Revision A1
GENERAL DESCRIPTION
The W78C354 is a high-performance monitor microcontroller that is based on the embedded 80C32
microcontroller core. The W78C354 includes a 16 KB ROM, 512 byte internal data RAM, a 6-bit A/D
converter, two 12-bit and fourteen 8-bit PWM static DACs, one 12-bit and three 8-bit PWM dynamic
DACs, a sync processor, an I
2C port, a DDC port, a watchdog timer, and glue logic specially designed
for monitor applications.
The W78C354 is suitable for monitors applying VESA DDC1/DDC2B/DDC2B+. This product's high
level of integration and the availability of a one-time programmable (OTP) flash PROM version(the
W78E354) help to reduce unit costs, development costs, and development time.
FEATURES
80C32 MCU core included
20 MHz maximum operating frequency
16 KB ROM for program storage
512 bytes of on-chip data RAM:
− Lower 256 bytes accessed as in the 80C32
− Higher 256 bytes accessed as an external data memory via "MOVX @Ri".
One SPI/RS232 port (80C32 standard serial port)
One external interrupt input
Two timers/counters
One 8-bit auto-reload timer for software time base
PWM DACs:
− Two 12-bit PWM/BRM static DACs
− Fourteen 8-bit PWM static DACs
− One 12-bit PWM/BRM dynamic DAC
− Three 8-bit PWM dynamic DACs
One 6-bit ADC with 4 multiplexed analog inputs
Sync processor:
− Horizontal & vertical polarity detector
− Sync separator for composite sync
− Horizontal & vertical frequency counter
− Programmable dummy frequency generator
− Programmable H-clamp pulse output
− Safe operation area (SOA) output
− Self-test pattern output
One software I
2C port
One DDC port (master/slave mode I
2C, supports DDC1/DDC2B/DDC2B+)
Watchdog timer
Moire cancellation
Two 15 mA output pins for driving LED
Power-low reset
OTP type: W78E354 (16 KB flash PROM)
Three package types:
− PLCC68 (W78C/E354P), DIP48 (W78C/E354E), DIP40 (W78C/E354)


Similar Part No. - W78CE354P

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C032C WINBOND-W78C032C Datasheet
233Kb / 18P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78C032C NUVOTON-W78C032C Datasheet
352Kb / 18P
   8-BIT MICROCONTROLLER
logo
Winbond
W78C032C40DL WINBOND-W78C032C40DL Datasheet
233Kb / 18P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78C032C40DL NUVOTON-W78C032C40DL Datasheet
352Kb / 18P
   8-BIT MICROCONTROLLER
logo
Winbond
W78C032C40FL WINBOND-W78C032C40FL Datasheet
233Kb / 18P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78CE354P

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E354 WINBOND-W78E354 Datasheet
430Kb / 45P
   MONITOR MICROCONTROLLER
W78E378 WINBOND-W78E378 Datasheet
396Kb / 38P
   MONITOR MICROCONTROLLER
logo
List of Unclassifed Man...
NT91315XL ETC-NT91315XL Datasheet
994Kb / 22P
   Microcontroller for Monitor
NT6861 ETC-NT6861 Datasheet
455Kb / 44P
   8-Bit Microcontroller for Monitor
WT6132 ETC-WT6132 Datasheet
377Kb / 39P
   microcontroller for digital controlled monitor
NT6862 ETC-NT6862 Datasheet
580Kb / 57P
   8-Bit Microcontroller for Monitor
logo
NXP Semiconductors
PCE84C882 PHILIPS-PCE84C882 Datasheet
266Kb / 60P
   Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
PCE84C886 PHILIPS-PCE84C886 Datasheet
322Kb / 56P
   Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
logo
List of Unclassifed Man...
NT68P62-01 ETC-NT68P62-01 Datasheet
528Kb / 56P
   8-Bit Microcontroller for Monitor (32K OTP ROM Type)
NT68F62 ETC1-NT68F62 Datasheet
509Kb / 57P
   8-Bit Microcontroller for Monitor (32K Flash MTP Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com