Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78E378 Datasheet(PDF) 3 Page - Winbond

Part # W78E378
Description  MONITOR MICROCONTROLLER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78E378 Datasheet(HTML) 3 Page - Winbond

  W78E378 Datasheet HTML 1Page - Winbond W78E378 Datasheet HTML 2Page - Winbond W78E378 Datasheet HTML 3Page - Winbond W78E378 Datasheet HTML 4Page - Winbond W78E378 Datasheet HTML 5Page - Winbond W78E378 Datasheet HTML 6Page - Winbond W78E378 Datasheet HTML 7Page - Winbond W78E378 Datasheet HTML 8Page - Winbond W78E378 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Preliminary W78E378/W78C378/W78C374
Publication Release Date: December 1999
- 3 -
Revision A1
PIN DESCRIPTION
PIN NAME
I/O
DESCRIPTION
RESET
I/O
Chip reset input (active low) input &
Internal reset output (generated by WDT or power low)
TTL Schmitt trigger input, internal pull-up ~30 K
IOL = +12 mA @VOL = 0.45V
VDD
-
Positive power supply
VSS
-
Ground
VSS
-
Ground
OSCOUT
O
Output from the inverting oscillator amplifier
OSCIN
I
Input to the inverting oscillator amplifier, 10 MHz max.
HIN
I
Hsync input
TTL Schmitt trigger input , w/o PMOS
VIH/VIL = 2.0V/0.8V, V+/ V- = ~1.6V/ 1.1V
VIN
I
Vsync input
TTL Schmitt trigger input, w/o PMOS
VIH/VIL = 2.0V/0.8V, V+/ V- = ~1.6V/ 1.1V
P1.0 (DAC0)
I/O
General purpose I/O, DAC0 special function output
Open-drain output, sink current: 15 mA
P1.1 (DAC1)
I/O
General purpose I/O, DAC1 special function output
Open-drain output, sink current: 15 mA
P1.2 (DAC2)
I/O
General purpose I/O, DAC2 special function output
Open-drain output, sink current: 4 mA
P1.3 (DAC3)
I/O
General purpose I/O, DAC3 special function output
Open-drain output, sink current: 4 mA
P1.4 (DAC4)
I/O
General purpose I/O, DAC4 special function output
Open-drain output, sink current: 4 mA
P1.5 (DAC5)
I/O
General purpose I/O, DAC5 special function output
Open-drain output, sink current: 4 mA
P1.6 (DAC6)
I/O
General purpose I/O, DAC6 special function output
Open-drain output, sink current: 4 mA
P1.7 (DAC7)
I/O
General purpose I/O, DAC7 special function output
Open-drain output, sink current: 4 mA


Similar Part No. - W78E378

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E354 WINBOND-W78E354 Datasheet
430Kb / 45P
   MONITOR MICROCONTROLLER
W78E354P WINBOND-W78E354P Datasheet
430Kb / 45P
   MONITOR MICROCONTROLLER
W78E365 WINBOND-W78E365 Datasheet
392Kb / 40P
   8-BIT MICROCONTROLLER
W78E365 WINBOND-W78E365 Datasheet
428Kb / 43P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78E365 NUVOTON-W78E365 Datasheet
720Kb / 44P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78E378

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C354 WINBOND-W78C354 Datasheet
426Kb / 44P
   MONITOR MICROCONTROLLER
W78E354 WINBOND-W78E354 Datasheet
430Kb / 45P
   MONITOR MICROCONTROLLER
logo
List of Unclassifed Man...
NT91315XL ETC-NT91315XL Datasheet
994Kb / 22P
   Microcontroller for Monitor
NT6861 ETC-NT6861 Datasheet
455Kb / 44P
   8-Bit Microcontroller for Monitor
WT6132 ETC-WT6132 Datasheet
377Kb / 39P
   microcontroller for digital controlled monitor
NT6862 ETC-NT6862 Datasheet
580Kb / 57P
   8-Bit Microcontroller for Monitor
logo
NXP Semiconductors
PCE84C882 PHILIPS-PCE84C882 Datasheet
266Kb / 60P
   Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
PCE84C886 PHILIPS-PCE84C886 Datasheet
322Kb / 56P
   Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
logo
List of Unclassifed Man...
NT68P62-01 ETC-NT68P62-01 Datasheet
528Kb / 56P
   8-Bit Microcontroller for Monitor (32K OTP ROM Type)
NT68F62 ETC1-NT68F62 Datasheet
509Kb / 57P
   8-Bit Microcontroller for Monitor (32K Flash MTP Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com