Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78C801P-24 Datasheet(PDF) 9 Page - Winbond

Part # W78C801P-24
Description  8-BIT MICROCONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78C801P-24 Datasheet(HTML) 9 Page - Winbond

Back Button W78C801P-24 Datasheet HTML 5Page - Winbond W78C801P-24 Datasheet HTML 6Page - Winbond W78C801P-24 Datasheet HTML 7Page - Winbond W78C801P-24 Datasheet HTML 8Page - Winbond W78C801P-24 Datasheet HTML 9Page - Winbond W78C801P-24 Datasheet HTML 10Page - Winbond W78C801P-24 Datasheet HTML 11Page - Winbond W78C801P-24 Datasheet HTML 12Page - Winbond W78C801P-24 Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
W78C801
Publication Release Date: February 1999
- 9 -
Revision A3
PS2 PS1 PS0
PRESCALER SELECT
0
0
0
2
0
1
0
4
0
0
1
8
0
1
1
16
1
0
0
32
1
0
1
64
1
1
0
128
1
1
1
256
The time-out period is obtained using the following formula:
1
OSC
2
PRESCALER
1000
12 mS
14
×
×
×
×
Before Watchdog time-out occurs, the program must clear the 14-bit timer by writing 1 to WDTC.6
(CLRW). After 1 is written to this bit, the 14-bit timer , prescaler and this bit will be reset on the next
instruction cycle. The Watchdog timer is cleared on reset.
OSC
1/12
PRESCALER
14-BIT TIMER
CLEAR
CLRW
EXTERNAL
RESET
INTERNAL
RESET
WIDL
IDLE
ENW
Watchdog Timer Block Diagram
Typical Watch-Dog time-out period when OSC = 20 MHz
PS2 PS1 PS0
WATCHDOG TIME-OUT PERIOD
0
0
0
19.66 mS
0
1
0
39.32 mS
0
0
1
78.64 mS
0
1
1
157.28 mS
1
0
0
314.57 mS
1
0
1
629.14 mS
1
1
0
1.25 S
1
1
1
2.50 S


Similar Part No. - W78C801P-24

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C032C WINBOND-W78C032C Datasheet
233Kb / 18P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78C032C NUVOTON-W78C032C Datasheet
352Kb / 18P
   8-BIT MICROCONTROLLER
logo
Winbond
W78C032C40DL WINBOND-W78C032C40DL Datasheet
233Kb / 18P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78C032C40DL NUVOTON-W78C032C40DL Datasheet
352Kb / 18P
   8-BIT MICROCONTROLLER
logo
Winbond
W78C032C40FL WINBOND-W78C032C40FL Datasheet
233Kb / 18P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78C801P-24

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com