Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78E516B Datasheet(PDF) 6 Page - Winbond

Part # W78E516B
Description  8-BIT MICROCONTROLLER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78E516B Datasheet(HTML) 6 Page - Winbond

Back Button W78E516B Datasheet HTML 2Page - Winbond W78E516B Datasheet HTML 3Page - Winbond W78E516B Datasheet HTML 4Page - Winbond W78E516B Datasheet HTML 5Page - Winbond W78E516B Datasheet HTML 6Page - Winbond W78E516B Datasheet HTML 7Page - Winbond W78E516B Datasheet HTML 8Page - Winbond W78E516B Datasheet HTML 9Page - Winbond W78E516B Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
W78E516B
- 6 -
to clear the B7 bit of security register. Once B7 is set to 0, a half of gain will be decreased. Care must
be taken if user attempts to diminish the gain of oscillator amplifier, reducing a half of gain may affect
the external crystal operating improperly at high frequency above 24 MHz. The value of R and C1, C2
may need some adjustment while running at lower gain.
Reset
The external RESET signal is sampled at S5P2. To take effect, it must be held high for at least two
machine cycles while the oscillator is running. An internal trigger circuit in the reset line is used to
deglitch the reset line when the W78E516B is used with an external RC network. The reset logic also
has a special glitch removal circuit that ignores glitches on the reset line. During reset, the ports are
initialized to FFH, the stack pointer to 07H, PCON (with the exception of bit 4) to 00H, and all of the
other SFR registers except SBUF to 00H. SBUF is not reset.
W78E516B Special Function Registers (SFRs) and Reset Values
F8
FF
F0
+B
00000000
CHPENR
00000000
F7
E8
EF
E0
+ACC
00000000
E7
D8
+P4
xxxx1111
DF
D0
+PSW
00000000
D7
C8
+T2CON
00000000
RCAP2L
00000000
RCAP2H
00000000
TL2
00000000
TH2
00000000
CF
C0
XICON
00000000
SFRAL
00000000
SFRAH
00000000
SFRFD
00000000
SFRCN
00000000
C7
B8
+IP
00000000
CHPCON
0xx00000
BF
B0
+P3
00000000
B7
A8
+IE
00000000
AF
A0
+P2
11111111
A7
98
+SCON
00000000
SBUF
xxxxxxxx
9F
90
+P1
11111111
97
88
+TCON
00000000
TMOD
00000000
TL0
00000000
TL1
00000000
TH0
00000000
TH1
00000000
8F
80
+P0
11111111
SP
00000111
DPL
00000000
DPH
00000000
PCON
00110000
87
Notes:
1.The SFRs marked with a plus sign(+) are both byte- and bit-addressable.
2. The text of SFR with bold type characters are extension function registers.


Similar Part No. - W78E516B

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E516B WINBOND-W78E516B Datasheet
302Kb / 37P
   8-BIT MICROCONTROLLER
W78E516B40DL WINBOND-W78E516B40DL Datasheet
302Kb / 37P
   8-BIT MICROCONTROLLER
W78E516B40FL WINBOND-W78E516B40FL Datasheet
302Kb / 37P
   8-BIT MICROCONTROLLER
W78E516B40PL WINBOND-W78E516B40PL Datasheet
302Kb / 37P
   8-BIT MICROCONTROLLER
W78E516B WINBOND-W78E516B_06 Datasheet
302Kb / 37P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78E516B

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com