Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78C58P-40 Datasheet(PDF) 10 Page - Winbond

Part # W78C58P-40
Description  8-BIT MICROCONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78C58P-40 Datasheet(HTML) 10 Page - Winbond

Back Button W78C58P-40 Datasheet HTML 6Page - Winbond W78C58P-40 Datasheet HTML 7Page - Winbond W78C58P-40 Datasheet HTML 8Page - Winbond W78C58P-40 Datasheet HTML 9Page - Winbond W78C58P-40 Datasheet HTML 10Page - Winbond W78C58P-40 Datasheet HTML 11Page - Winbond W78C58P-40 Datasheet HTML 12Page - Winbond W78C58P-40 Datasheet HTML 13Page - Winbond W78C58P-40 Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
W78C58
- 10 -
Following tables show the interrupt informations and priority definitions.
Eight-source interrupt informations:
INTERRUPT
SOURCE
VECTOR
ADDRESS
POLLING
SEQUENCE WITHIN
PRIORITY LEVEL
ENABLE
REQUIRED
SETTINGS
INTERRUPT
TYPE
EDGE/LEVEL
External Interrupt 0
03H
0 (highest)
IE.0
TCON.IT0
Timer/Counter 0
0BH
1
IE.1
-
External Interrupt 1
13H
2
IE.2
TCON.IT1
Timer/Counter 1
1BH
3
IE.3
-
Serial Port
23H
4
IE.4
-
Timer/Counter 2
2BH
5
IE.5
-
External Interrupt 2
33H
6
XICON.EX2
XICON.IT2
External Interrupt 3
3BH
7 (lowest)
XICON.EX3
XICON.IT3
*Timer/Counter
***TL0, TH0, TL1, TH1, TL2, TH2, RCAP2L, RCAP2H
***TMOD - Timer 0, 1 Mode (89H)
GATE
C//T
M1
M0
GATE
C//T
M1
M0
TIMER0
TIMER1
GATE:
Gating control. When set, Timer/counter x is enabled only while INTx pin is high and TRx
control pin is set. When cleared, Timer x is enabled whenever the TRx conrol bit is set.
C//T:
Timer or Counter Selector. Cleared for timer operation. Set for counter operation.
M1 M0: Operating Mode
0
0: 13-bit Timer/Counter.
0
1: 16-bit Timer/Counter.
1 0:
8-bit auto-reload Timer/Counter. THx holds a value which is to be reloaded into TLx
each time it overflows.
1 1:
Timer 0: TL0 is an 8-bit timer/counter controlled by the standard Timer 0 control bits.
TH0 is an 8-bit timer only controlled by Timer 1 control bits.
Timer 1: Timer/counter 1 stopped.


Similar Part No. - W78C58P-40

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C58 WINBOND-W78C58 Datasheet
272Kb / 28P
   8-BIT EMULATION MICROCONTROLLER
More results

Similar Description - W78C58P-40

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com