Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78C58F-16 Datasheet(PDF) 8 Page - Winbond

Part # W78C58F-16
Description  8-BIT MICROCONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78C58F-16 Datasheet(HTML) 8 Page - Winbond

Back Button W78C58F-16 Datasheet HTML 4Page - Winbond W78C58F-16 Datasheet HTML 5Page - Winbond W78C58F-16 Datasheet HTML 6Page - Winbond W78C58F-16 Datasheet HTML 7Page - Winbond W78C58F-16 Datasheet HTML 8Page - Winbond W78C58F-16 Datasheet HTML 9Page - Winbond W78C58F-16 Datasheet HTML 10Page - Winbond W78C58F-16 Datasheet HTML 11Page - Winbond W78C58F-16 Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
W78C58
- 8 -
W78C58 SFRs address location map:
F8
FF
F0
+ B
F7
E8
EF
E0
+ ACC
E7
D8
+P4
DF
D0
+ PSW
D7
C8
+T2CON
RCAP2L
RCAP2H
TL2
TH2
CF
C0
+XICON
C7
B8
+ IP
BF
B0
+ P3
B7
A8
+ IE
AF
A0
+ P2
A7
98
+ SCON
SBUF
9F
90
+ P1
97
88
+ TCON
TMOD
TL0
TL1
TH0
TH1
AUXR
8F
80
+P0
SP
DPL
DPH
PCON
87
Notes:
1. + SFR is bit-addressable.
2.
is additional defined function.
Power-off Flag
***PCON - Power Control (87H)
SMOD
SMOD0
-
POF
GF1
GF0
PD
IDL
SMOD:
Double baud rate bit. When set to a 1, the baud rate is doubled when the serial port is
being used in either modes 1, 2, 3.
SMOD0:
Enable FE bit in SCON. This bit is an alternative switch of SM0 and FE (Frame Error)
bit.
When set to a 1, SCON.7 means a FE bit, otherwise a SM0 bit.
POF:
Power off flag. Bit is set by hardware when power on reset. It can be cleared by software
to determine chip reset is a warm boot or cold boot.
GF1, GF0: These two bits are general-purpose flag bits for the user.
PD:
Power down mode bit. Set it to enter power down mode.
IDL:
Idle mode bit. Set it to enter idle mode.
The power-off flag is located at PCON.4. This bit is set when VDD has been applied to the part. It can
be used to determine if a reset is a warm boot or a cold boot if it is subsequently reset by software.


Similar Part No. - W78C58F-16

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C58 WINBOND-W78C58 Datasheet
272Kb / 28P
   8-BIT EMULATION MICROCONTROLLER
More results

Similar Description - W78C58F-16

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com