Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1805517 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1805517
Description  Printed-circuit board connector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1805517 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1805517 Datasheet HTML 1Page - PHOENIX CONTACT 1805517 Datasheet HTML 2Page - PHOENIX CONTACT 1805517 Datasheet HTML 3Page - PHOENIX CONTACT 1805517 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/produkte/1805517
20.11.2012   Page 2 / 4
Printed-circuit board connector - PTS 1,5/ 2-PH-5,0 - 1805517
Technical data
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section stranded, with ferrule without plastic
sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule without plastic
sleeve max.
1.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve
min.
0.25 mm² 1
Conductor cross section stranded, with ferrule with plastic sleeve
max.
1 mm²
Conductor cross section AWG/kcmil min.
26
Conductor cross section AWG/kcmil max
14
Classifications
ETIM
ETIM 4.0
EC002637
ETIM 5.0
EC002637
eCl@ss
eCl@ss 5.1
27141190
eCl@ss 6.0
27260704
eCl@ss 7.0
27440402
Drawings
Diagram
Umgebungstemperatur[°C]
100
80
60
40
20
0
0
4
8
12
16
20
=2-pos.
=5-pos.
=12-pos.
Type: PTS 1,5/...-PH-5,0 with PST 1,3/...-5,0


Similar Part No. - 1805517

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1805504 PHOENIX-1805504 Datasheet
90Kb / 3P
   PCB terminal block - ZFKDSA 4-7,5-10
1805520 PHOENIX-1805520 Datasheet
110Kb / 6P
   Printed-circuit board connector - PTS 1,5/ 3-PH-5,0
09/12/2020
1805521 PHOENIX-1805521 Datasheet
59Kb / 4P
   Printed-circuit board connector - MVSTBW 2,5/ 2-ST BK
1805533 PHOENIX-1805533 Datasheet
109Kb / 6P
   Printed-circuit board connector - PTS 1,5/ 4-PH-5,0
09/12/2020
1805546 PHOENIX-1805546 Datasheet
109Kb / 6P
   Printed-circuit board connector - PTS 1,5/ 5-PH-5,0
09/12/2020
More results

Similar Description - 1805517

ManufacturerPart #DatasheetDescription
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
   PRINTED CIRCUIT BOARD
logo
Omron Electronics LLC
E3S-LS3N OMRON-E3S-LS3N Datasheet
93Kb / 2P
   Printed Circuit Board Sensor
logo
List of Unclassifed Man...
BK-1 ETC2-BK-1 Datasheet
80Kb / 2P
   Printed Circuit Board Fuses
logo
PHOENIX CONTACT
5431961 PHOENIX-5431961 Datasheet
81Kb / 7P
   Printed-circuit board connector - BCH-500H- 4
5430881 PHOENIX-5430881 Datasheet
78Kb / 7P
   Printed-circuit board connector - BCH-350V-10
5434146 PHOENIX-5434146 Datasheet
79Kb / 7P
   Printed-circuit board connector - BCH-508VF- 4
1741966 PHOENIX-1741966 Datasheet
74Kb / 2P
   Printed-circuit board connector - MSTBVA-SET NEWLIFT
11/04/2018
5431288 PHOENIX-5431288 Datasheet
82Kb / 7P
   Printed-circuit board connector - BCH-381H-12
1772524 PHOENIX-1772524 Datasheet
51Kb / 2P
   Printed-circuit board connector - MSTB/GMSTB SETSCHNEIDER
11/04/2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com