Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78C374P Datasheet(PDF) 1 Page - Winbond

Part # W78C374P
Description  MONITOR MICROCONTROLLER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78C374P Datasheet(HTML) 1 Page - Winbond

  W78C374P Datasheet HTML 1Page - Winbond W78C374P Datasheet HTML 2Page - Winbond W78C374P Datasheet HTML 3Page - Winbond W78C374P Datasheet HTML 4Page - Winbond W78C374P Datasheet HTML 5Page - Winbond W78C374P Datasheet HTML 6Page - Winbond W78C374P Datasheet HTML 7Page - Winbond W78C374P Datasheet HTML 8Page - Winbond W78C374P Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Preliminary W78E378/W78C378/W78C374
MONITOR CONTROLLER
Publication Release Date: December 1999
- 1 -
Revision A1
GENERAL DESCRIPTION
The W78E378, W78C378 and W78C374B are ASIC which is a stand-alone high-performance
microcontroller specially designed for monitor control applications. The device integrates the
embedded 80C31 microcontroller core, on-chip MTP or Mask ROM, 576 bytes of RAM, and a number
of dedicated hardware monitor functions. Additional special function registers are incorporated to
control the on-chip peripheral hardware. The chip is used to control the interface signal of other
devices in the monitor and to process the video sync signals. Because of the highly integration and
Flash cell for program memory, the device can offer users the competitive advantages of low cost
and reduced development time.
FEATURES
80C31 MCU Core Embedded
32K Bytes MTP-ROM (W78E378)
32K Bytes Mask-ROM (W78C378)
16K Bytes Mask-ROM (W78C374B)
Total 576 Bytes of On-chip Data RAM
− 256 bytes accessed as in the 80C32
− 320 bytes accessed as external data memory via "MOVX @Ri"
PWM DACs
− Eight 8-bit Static PWM DACs: DAC0−DAC8
− Three 8-bit Dynamic PWM DACs: DAC9−DAC10
Sync Processor
− Horizontal & Vertical Polarity Detector
− Sync Separator for Composite Sync
− 12-bit Horizontal & Vertical Frequency Counter
− Programmable Dummy Frequency Generator
− Programmable H-clamp Pulse Output
− SOA Interrupt
− Hsync/2 Output
Serial Ports:
− DDC1 Port- support DDC1
− SIO1 & SIO2 Ports - each can support DDC2B/2B+/2Bi/2AB (each has 2 slave addresses)
Two 16-bit Timer/Counters (8031's Timer0 & Timer1)
One External Interrupt Input (8031's INT0 )
One Parabola Interrupt Generator
One ADC with 7 Multiplexed Analog Inputs
Two 12 mA(min) Output Pins for Driving LEDs
Watchdog Timer (2
22/Fosc = 0.42s @Fosc = 10 MHz)
Power Low Reset
Frequency: 10 MHz max. (with the same performance as a normal 8051 that uses 20 MHz)
Packaged in 40/32-pin 600 mil DIP & 44-pin PLCC


Similar Part No. - W78C374P

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C31 WINBOND-W78C31 Datasheet
272Kb / 28P
   8-BIT EMULATION MICROCONTROLLER
W78C32 WINBOND-W78C32 Datasheet
272Kb / 28P
   8-BIT EMULATION MICROCONTROLLER
W78C32B WINBOND-W78C32B Datasheet
546Kb / 14P
   8-BIT MICROCONTROLLER
W78C32B-16 WINBOND-W78C32B-16 Datasheet
546Kb / 14P
   8-BIT MICROCONTROLLER
W78C32B-24 WINBOND-W78C32B-24 Datasheet
546Kb / 14P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78C374P

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C354 WINBOND-W78C354 Datasheet
426Kb / 44P
   MONITOR MICROCONTROLLER
W78E354 WINBOND-W78E354 Datasheet
430Kb / 45P
   MONITOR MICROCONTROLLER
logo
List of Unclassifed Man...
NT91315XL ETC-NT91315XL Datasheet
994Kb / 22P
   Microcontroller for Monitor
NT6861 ETC-NT6861 Datasheet
455Kb / 44P
   8-Bit Microcontroller for Monitor
WT6132 ETC-WT6132 Datasheet
377Kb / 39P
   microcontroller for digital controlled monitor
NT6862 ETC-NT6862 Datasheet
580Kb / 57P
   8-Bit Microcontroller for Monitor
logo
NXP Semiconductors
PCE84C882 PHILIPS-PCE84C882 Datasheet
266Kb / 60P
   Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
PCE84C886 PHILIPS-PCE84C886 Datasheet
322Kb / 56P
   Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
logo
List of Unclassifed Man...
NT68P62-01 ETC-NT68P62-01 Datasheet
528Kb / 56P
   8-Bit Microcontroller for Monitor (32K OTP ROM Type)
NT68F62 ETC1-NT68F62 Datasheet
509Kb / 57P
   8-Bit Microcontroller for Monitor (32K Flash MTP Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com