Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78E51BF-40 Datasheet(PDF) 2 Page - Winbond

Part # W78E51BF-40
Description  8-BIT MTP MICROCONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78E51BF-40 Datasheet(HTML) 2 Page - Winbond

  W78E51BF-40 Datasheet HTML 1Page - Winbond W78E51BF-40 Datasheet HTML 2Page - Winbond W78E51BF-40 Datasheet HTML 3Page - Winbond W78E51BF-40 Datasheet HTML 4Page - Winbond W78E51BF-40 Datasheet HTML 5Page - Winbond W78E51BF-40 Datasheet HTML 6Page - Winbond W78E51BF-40 Datasheet HTML 7Page - Winbond W78E51BF-40 Datasheet HTML 8Page - Winbond W78E51BF-40 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Preliminary W78E51B
- 2 -
PIN CONFIGURATIONS
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
39
40
34
35
36
37
38
30
31
32
33
26
27
28
29
21
22
23
24
25
P0.0, AD0
P0.1, AD1
P0.2, AD2
P0.3, AD3
P0.4, AD4
P0.5, AD5
P0.6, AD6
P0.7, AD7
EA
ALE
PSEN
P2.5, A13
P2.6, A14
P2.7, A15
P2.0, A8
P2.1, A9
P2.2, A10
P2.3, A11
P2.4, A12
P1.0
40-Pin DIP (W78E51B)
P1.2
P1.3
P1.4
P1.5
P1.6
RXD, P3.0
TXD, P3.1
P1.7
RST
INT0, P3.2
INT1, P3.3
T0, P3.4
T1, P3.5
WR, P3.6
RD, P3.7
XTAL1
XTAL2
VSS
P1.1
44-Pin PLCC (W78E51BP)
44-Pin QFP (W78E51BF)
34
40 39 38 37 36 35
44 43 42 41
33
32
31
30
29
28
27
26
25
24
23
P0.4, AD4
P0.5, AD5
P0.6, AD6
P0.7, AD7
EA
ALE
PSEN
P2.7, A15
P2.6, A14
P2.5, A13
22
21
20
19
18
17
16
15
14
13
12
11
4
3
2
1
8
7
6
5
10
9
P1.5
P1.6
P1.7
RST
RXD, P3.0
TXD, P3.1
INT0, P3.2
INT1, P3.3
T0, P3.4
T1, P3.5
X
T
A
L
1
V
S
S
P
2
.
4
,
A
1
2
P
2
.
3
,
A
1
1
P
2
.
2
,
A
1
0
P
2
.
1
,
A
9
P
2
.
0
,
A
8
X
T
A
L
2
P
3
.
7
,
/
R
D
P
3
.
6
,
/
W
R
A
D
3
,
P
0
.
3
P
1
.
0
P
1
.
2
V
D
D
A
D
2
,
P
0
.
2
A
D
1
,
P
0
.
1
A
D
0
,
P
0
.
0
P
1
.
1
P
1
.
3
P
1
.
4
40
2 1 44 43 42 41
6 5 4 3
39
38
37
36
35
34
33
32
31
30
29
P0.4, AD4
P0.5, AD5
P0.6, AD6
P0.7, AD7
EA
ALE
PSEN
P2.7, A15
P2.6, A14
P2.5, A13
28
27
26
25
24
23
22
21
20
19
18
17
10
9
8
7
14
13
12
11
16
15
P1.5
P1.6
P1.7
RST
RXD, P3.0
TXD, P3.1
INT0, P3.2
INT1, P3.3
T0, P3.4
T1, P3.5
A
D
3
,
P
0
.
3
P
1
.
0
P
1
.
2
V
A
D
2
,
P
0
.
2
A
D
1
,
P
0
.
1
A
D
0
,
P
0
.
0
P
1
.
1
P
1
.
3
P
1
.
4
X
T
A
L
1
V
S
S
P
2
.
4
,
A
1
2
P
2
.
3
,
A
1
1
P
2
.
2
,
A
1
0
P
2
.
1
,
A
9
P
2
.
0
,
A
8
X
T
A
L
2
P
3
.
7
,
/
R
D
P
3
.
6
,
/
W
R
P
4
.
0
/
I
N
T
3
,
P
4
.
2
P4.1
P4.1
P
4
.
0
INT2, P4.3
INT2, P4.3
/
I
N
T
3
,
P
4
.
2
D
D


Similar Part No. - W78E51BF-40

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E51B WINBOND-W78E51B Datasheet
187Kb / 25P
   8-BIT MICROCONTROLLER
W78E51B WINBOND-W78E51B_05 Datasheet
187Kb / 25P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78E51BF-40

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E52B WINBOND-W78E52B Datasheet
306Kb / 22P
   8-BIT MTP MICROCONTROLLER
W78IE54 WINBOND-W78IE54 Datasheet
211Kb / 21P
   8-BIT MTP MICROCONTROLLER
W78LE51 WINBOND-W78LE51 Datasheet
304Kb / 21P
   8-BIT MTP MICROCONTROLLER
W78LE54 WINBOND-W78LE54 Datasheet
308Kb / 22P
   8-BIT MTP MICROCONTROLLER
W78LE52 WINBOND-W78LE52 Datasheet
309Kb / 22P
   8-BIT MTP MICROCONTROLLER
W78LE812 WINBOND-W78LE812 Datasheet
338Kb / 25P
   8-BIT MTP MICROCONTROLLER
logo
List of Unclassifed Man...
NT68F62 ETC1-NT68F62 Datasheet
509Kb / 57P
   8-Bit Microcontroller for Monitor (32K Flash MTP Type)
logo
ATMEL Corporation
ATAM510 ATMEL-ATAM510 Datasheet
979Kb / 72P
   MARC4 4-bit MTP Universal Microcontroller
T48C510 ATMEL-T48C510 Datasheet
492Kb / 61P
   MARC4 -4-bit MTP Universal Microcontroller
logo
List of Unclassifed Man...
M6759 ETC2-M6759_1 Datasheet
309Kb / 33P
   8-bit MTP Micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com