Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78L51 Datasheet(PDF) 10 Page - Winbond

Part # W78L51
Description  8-BIT MICROCONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78L51 Datasheet(HTML) 10 Page - Winbond

Back Button W78L51 Datasheet HTML 6Page - Winbond W78L51 Datasheet HTML 7Page - Winbond W78L51 Datasheet HTML 8Page - Winbond W78L51 Datasheet HTML 9Page - Winbond W78L51 Datasheet HTML 10Page - Winbond W78L51 Datasheet HTML 11Page - Winbond W78L51 Datasheet HTML 12Page - Winbond W78L51 Datasheet HTML 13Page - Winbond W78L51 Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
W78L51
- 10 -
DC Characteristics, continued
PARAMETER
SYM.
SPECIFICATION
UNIT
TEST CONDITIONS
MIN.
MAX.
Input Low Voltage
VIL3
0
0.8
V
VDD = 4.5V
XTAL1 [*3]
0
0.6
V
VDD = 2.0V
Input High Voltage
VIH1
2.0
VDD +0.2
V
VDD = 5.5V
P0, P1, P2, P3, P4, EA
1.4
VDD +0.2
V
VDD = 2.0V
Input High Voltage
VIH2
3.5
VDD +0.2
V
VDD = 5.5V
RST[*1]
1.7
VDD +0.2
V
VDD = 2.0V
Input High Voltage
VIH3
3.5
VDD +0.2
V
VDD = 5.5V
XTAL1 [*3]
1.6
VDD +0.2
V
VDD = 2.0V
Output Low Voltage
VOL1
-
0.45
V
VDD = 4.5V, IOL = +2 mA
P1, P2, P3, P4
-
0.25
V
VDD = 2.0V, IOL = +1 mA
Output Low Voltage
VOL2
-
0.45
V
VDD = 4.5V, IOL = +4 mA
P0, ALE, PSEN [*2]
-
0.25
V
VDD = 2.0V, IOL = +2 mA
Sink Current
ISK1
4
9
mA
VDD = 4.5V, Vin = 0.45V
P1, P2, P3, P4
1.8
5.4
mA
VDD = 2.0V, Vin = 0.45V
Sink Current
ISK2
8
16
mA
VDD = 4.5V, Vin = 0.45V
P0, ALE, PSEN
4.5
9
mA
VDD = 2.0V, Vin = 0.45V
Output High Voltage
VOH1
2.4
-
V
VDD = 4.5V, IOH = -100
µA
P1, P2, P3, P4
1.4
-
V
VDD = 2.0V, IOH = -8
µA
Output High Voltage
VOH2
2.4
-
V
VDD = 4.5V, IOH = -400
µA
P0, ALE, PSEN [*2]
1.4
-
V
VDD = 2.0V, IOH = -200
µA
Source Current
ISR1
-100
-250
µA
VDD = 4.5V, Vin = 2.4V
P1, P2, P3, P4
-10
-30
µA
VDD = 2.0V, Vin = 1.4V
Source Current
ISR2
-8
-16
mA
VDD = 4.5V, Vin = 2.4V
P0, ALE, PSEN
-1.0
-2.4
mA
VDD = 2.0V, Vin = 1.4V
Notes:
*1. RST pin is a Schmitt trigger input.
*2. P0, ALE and /PSEN are tested in the external access mode.
*3. XTAL1 is a CMOS input.
*4. Pins of P1, P2, P3, P4 can source a transition current when they are being externally driven from 1 to 0.


Similar Part No. - W78L51

ManufacturerPart #DatasheetDescription
logo
Winbond
W78L516A24DL WINBOND-W78L516A24DL Datasheet
415Kb / 37P
   8-BIT MICROCONTROLLER
W78L516A24FL WINBOND-W78L516A24FL Datasheet
415Kb / 37P
   8-BIT MICROCONTROLLER
W78L516A24LL WINBOND-W78L516A24LL Datasheet
415Kb / 37P
   8-BIT MICROCONTROLLER
W78L516A24PL WINBOND-W78L516A24PL Datasheet
415Kb / 37P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78L51

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com