Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78E58P-40 Datasheet(PDF) 10 Page - Winbond

Part # W78E58P-40
Description  8-BIT MICROCONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78E58P-40 Datasheet(HTML) 10 Page - Winbond

Back Button W78E58P-40 Datasheet HTML 6Page - Winbond W78E58P-40 Datasheet HTML 7Page - Winbond W78E58P-40 Datasheet HTML 8Page - Winbond W78E58P-40 Datasheet HTML 9Page - Winbond W78E58P-40 Datasheet HTML 10Page - Winbond W78E58P-40 Datasheet HTML 11Page - Winbond W78E58P-40 Datasheet HTML 12Page - Winbond W78E58P-40 Datasheet HTML 13Page - Winbond W78E58P-40 Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
W78E58
- 10 -
emission if it is useless. Turning off the ALE signal transition only requires setting the bit 0 of the
AUXR SFR, which is located at 08Eh. When ALE is turned off, it will be reactivated when the program
accesses external ROM/RAM data or jumps to execute an external ROM code. The ALE signal will
turn off again after it has been completely accessed or the program returns to internal ROM code
space..
The AO bit in the AUXR register, when set, disables the ALE output.
***AUXR - Auxiliary register (8EH)
-
-
-
-
-
-
-
AO
AO: Turn off ALE output.
4. Power-off Flag
***PCON - Power control (87H)
SMOD
-
-
POF
GF1
GF0
PD
IDL
SMOD:
Double baud rate bit. When set to a 1, the baud rate is doubled when the serial port is
being used in either modes 1, 2, 3.
POF:
Power off flag. Bit is set by hardware when power on reset. It can be cleared by software
to determine chip reset is a warm boot or cold boot.
GF1, GF0:
These two bits are general-purpose flag bits for the user.
PD:
Power down mode bit. Set it to enter power down mode.
IDL:
Idle mode bit. Set it to enter idle mode.
The power-off flag is located at PCON.4. This bit is set when VDD has been applied to the part. It can
be used to determine if a reset is a warm boot or a cold boot if it is subsequently reset by software.
Flash Operations
In normal operation, the W78E58 is functionally compatible with the W78C58. In the flash operating
mode, the flash EEPROM can be programmed and verified repeatedly. Once the code inside the
flash EEPROM is confirmed, the code can be protected. The flash EEPROM and the operations on it
are described below.
All of the operations are configured by the pins RST, ALE, PSEN, A9CTRL (P3.0), A13CTRL (P3.1),
A14CTRL (P3.2), OECTRL (P3.3), CE (P3.6), OE (P3.7), A0 (P1.0) and VPP ( EA ). In these
operations, A15 to A0 (P2.7 to P2.0, P1.7 to P1.0) and D7 to D0 (P0.7 to P0.0) serve as the address
and data bus, respectively.
Read Operation
This operation enables customers to read their codes and the option bits. The data will not be valid if
the lock bit is programmed to low.


Similar Part No. - W78E58P-40

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E58B WINBOND-W78E58B Datasheet
419Kb / 31P
   8 BIT MICROCONTROLLER
W78E58B WINBOND-W78E58B Datasheet
400Kb / 36P
   8-BIT MICROCONTROLLER
W78E58B-24 WINBOND-W78E58B-24 Datasheet
419Kb / 31P
   8 BIT MICROCONTROLLER
W78E58BF WINBOND-W78E58BF Datasheet
419Kb / 31P
   8 BIT MICROCONTROLLER
W78E58BP WINBOND-W78E58BP Datasheet
419Kb / 31P
   8 BIT MICROCONTROLLER
More results

Similar Description - W78E58P-40

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com