Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54360DDA Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54360DDA
Description  60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54360DDA Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54360DDA Datasheet HTML 4Page - Texas Instruments TPS54360DDA Datasheet HTML 5Page - Texas Instruments TPS54360DDA Datasheet HTML 6Page - Texas Instruments TPS54360DDA Datasheet HTML 7Page - Texas Instruments TPS54360DDA Datasheet HTML 8Page - Texas Instruments TPS54360DDA Datasheet HTML 9Page - Texas Instruments TPS54360DDA Datasheet HTML 10Page - Texas Instruments TPS54360DDA Datasheet HTML 11Page - Texas Instruments TPS54360DDA Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
70
90
110
130
150
170
190
210
−50
−25
0
25
50
75
100
125
150
TJ − Junction Temperature (°C)
VIN = 12 V
G016
70
90
110
130
150
170
190
210
0
10
20
30
40
50
60
VIN − Input Voltage (V)
TJ = 25°C
G017
0
0.5
1
1.5
2
2.5
3
−50
−25
0
25
50
75
100
125
150
TJ − Junction Temperature (°C)
VIN = 12 V
G014
0
0.5
1
1.5
2
2.5
3
0
10
20
30
40
50
60
VIN − Input Voltage (V)
TJ = 25°C
G015
−4.5
−4.3
−4.1
−3.9
−3.7
−3.5
−3.3
−3.1
−2.9
−2.7
−2.5
−50
−25
0
25
50
75
100
125
150
TJ − Junction Temperature (°C)
VIN = 12 V
G112
0
25
50
75
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
VFB (V)
VFB Falling
VFB Rising
G013
TPS54360
SLVSBB4C – AUGUST 2012 – REVISED OCTOBER 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
EN PIN CURRENT HYSTERESIS vs JUNCTION
TEMPERATURE
SWITCHING FREQUENCY vs FB
Figure 13.
Figure 14.
SHUTDOWN SUPPLY CURRENT vs JUNCTION
TEMPERATURE
SHUTDOWN SUPPLY CURRENT vs INPUT VOLTAGE (VIN)
Figure 15.
Figure 16.
VIN SUPPLY CURRENT vs JUNCTION TEMPERATURE
VIN SUPPLY CURRENT vs INPUT VOLTAGE
Figure 17.
Figure 18.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS54360


Similar Part No. - TPS54360DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54360DDA TI1-TPS54360DDA Datasheet
314Kb / 10P
[Old version datasheet]   60 V Input, 3.5 A, Step Down Converter with Eco-mode?
TPS54360DDAR TI1-TPS54360DDAR Datasheet
314Kb / 10P
[Old version datasheet]   60 V Input, 3.5 A, Step Down Converter with Eco-mode?
More results

Similar Description - TPS54360DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54360B TI1-TPS54360B Datasheet
1Mb / 46P
[Old version datasheet]   60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54360 TI-TPS54360_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS54360 60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54360-Q1 TI1-TPS54360-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54340B TI1-TPS54340B Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54340 TI-TPS54340 Datasheet
1Mb / 43P
[Old version datasheet]   42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54360 TI1-TPS54360 Datasheet
314Kb / 10P
[Old version datasheet]   60 V Input, 3.5 A, Step Down Converter with Eco-mode?
TPS54340 TI-TPS54340_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS54340 42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54360-Q1 TI-TPS54360-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS54360-Q1 4.5-V To 60-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode?
TPS54060-EP TI1-TPS54060-EP Datasheet
2Mb / 49P
[Old version datasheet]   0.5-A, 60-V Step-Down DC/DC Converter With Eco-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com