Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78L801P-24 Datasheet(PDF) 10 Page - Winbond

Part # W78L801P-24
Description  8-BIT MICROCONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78L801P-24 Datasheet(HTML) 10 Page - Winbond

Back Button W78L801P-24 Datasheet HTML 6Page - Winbond W78L801P-24 Datasheet HTML 7Page - Winbond W78L801P-24 Datasheet HTML 8Page - Winbond W78L801P-24 Datasheet HTML 9Page - Winbond W78L801P-24 Datasheet HTML 10Page - Winbond W78L801P-24 Datasheet HTML 11Page - Winbond W78L801P-24 Datasheet HTML 12Page - Winbond W78L801P-24 Datasheet HTML 13Page - Winbond W78L801P-24 Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
W78L801
- 10 -
Clock
The W78L801 is designed to be used with either a crystal oscillator or an external clock. Internally,
the clock is divided by two before it is used. This makes the W78L801 relatively insensitive to duty
cycle variations in the clock. The W78L801 incorporates a built-in crystal oscillator. To make the
oscillator work, a crystal must be connected across pins XTAL1 and XTAL2. In addition, a load
capacitor must be connected from each pin to ground. An external clock source should be connected
to pin XTAL1. Pin XTAL2 should be left unconnected. The XTAL1 input is a CMOS-type input, as
required by the crystal oscillator.
Power Management
Idle Mode
The idle mode is entered by setting the IDL bit in the PCON register. In the idle mode, the internal
clock to the processor is stopped. The peripherals and the interrupt logic continue to be clocked. The
processor will exit idle mode when either an interrupt or a reset occurs.
Power-down Mode
When the PD bit in the PCON register is set, the processor enters the power-down mode. In this
mode all of the clocks are stopped, including the oscillator. To exit from power-down mode is by a
hardware reset or external interrupts INT2 to INT9 when enabled.
AUXR - Auxiliary Register
Bit:
7
6
5
4
3
2
1
0
-
-
-
-
-
-
-
AO
Mnemonic: AUXR
Address: 8Eh
AO:
Turn off ALE signal.
Reduce EMI Emission
Because of the on-chip ROM, when a program is running in internal ROM space, the ALE will be
unused. The transition of ALE will cause noise, so it can be turned off to reduce the EMI emission if it
is not needed. Turning off the ALE signal transition only requires setting the bit 0 of the AUXR SFR,
which is located at 08Eh. When ALE is turned off, it will be reactivated when the program accesses
external ROM/RAM data or jumps to execute an external ROM code. The ALE signal will turn off
again after it has been completely accessed or the program returns to internal ROM code space.
Reset
The external RESET signal is sampled at S5P2. To take effect, it must be held high for at least two
machine cycles while the oscillator is running. An internal trigger circuit in the reset line is used to
deglitch the reset line when the W78L801 is used with an external RC network. The reset logic also
has a special glitch removal circuit that ignores glitches on the reset line.
During reset, the ports are initialized to FFH, the stack pointer to 07H, PCON (with the exception of
bit 4) to 00H, and all of the other SFR registers except SBUF to 00H. SBUF is not reset.


Similar Part No. - W78L801P-24

ManufacturerPart #DatasheetDescription
logo
Winbond
W78L801P-24 WINBOND-W78L801P-24 Datasheet
309Kb / 24P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78L801P-24

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com