Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78LE51-24 Datasheet(PDF) 5 Page - Winbond

Part # W78LE51-24
Description  8-BIT MTP MICROCONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78LE51-24 Datasheet(HTML) 5 Page - Winbond

  W78LE51-24 Datasheet HTML 1Page - Winbond W78LE51-24 Datasheet HTML 2Page - Winbond W78LE51-24 Datasheet HTML 3Page - Winbond W78LE51-24 Datasheet HTML 4Page - Winbond W78LE51-24 Datasheet HTML 5Page - Winbond W78LE51-24 Datasheet HTML 6Page - Winbond W78LE51-24 Datasheet HTML 7Page - Winbond W78LE51-24 Datasheet HTML 8Page - Winbond W78LE51-24 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Preliminary W78LE51
Publication Release Date: December 1998
- 5 -
Revision A1
addressable but is not a standard register in the standard 80C52. Its address is at 0C0H. To set/clear
bits in the XICON register, one can use the "SETB (/CLR) bit" instruction. For example, "SETB 0C2H"
sets the EX2 bit of XICON.
XICON - external interrupt control (C0H)
PX3
EX3
IE3
IT3
PX2
EX2
IE2
IT2
PX3: External interrupt 3 priority high if set
EX3: External interrupt 3 enable if set
IE3: If IT3 = 1, IE3 is set/cleared automatically by hardware when interrupt is detected/serviced
IT3: External interrupt 3 is falling-edge/low-level triggered when this bit is set/cleared by software
PX2: External interrupt 2 priority high if set
EX2: External interrupt 2 enable if set
IE2: If IT2 = 1, IE2 is set/cleared automatically by hardware when interrupt is detected/serviced
IT2: External interrupt 2 is falling-edge/low-level triggered when this bit is set/cleared by software
Eight-source interrupt informations:
INTERRUPT
SOURCE
VECTOR
ADDRESS
POLLING
SEQUENCE WITHIN
PRIORITY LEVEL
ENABLE
REQUIRED
SETTINGS
INTERRUPT
TYPE
EDGE/LEVEL
External Interrupt 0
03H
0 (highest)
IE.0
TCON.0
Timer/Counter 0
0BH
1
IE.1
-
External Interrupt 1
13H
2
IE.2
TCON.2
Timer/Counter 1
1BH
3
IE.3
-
Serial Port
23H
4
IE.4
-
External Interrupt 2
33H
5
XICON.2
XICON.0
External Interrupt 3
3BH
6 (lowest)
XICON.6
XICON.3
2. PORT4
Another bit-addressable port P4 is also available and only 4 bits (P4<3:0>) can be used. This port
address is located at 0D8H with the same function as that of port P1, except the P4.3 and P4.2 are
alternative function pins. It can be used as general I/O pins or external interrupt input sources ( INT2 ,
INT3 ).
Example:
P4
REG
0D8H
MOV
P4, #0AH
; Output data "A" through P4.0
−P4.3.
MOV
A, P4
; Read P4 status to Accumulator.
SETB
P4.0
; Set bit P4.0
CLR
P4.1
; Clear bit P4.1
3. Reduce EMI Emission
Because of on-chip MTP-ROM, when a program is running in internal ROM space, the ALE will be
unused. The transition of ALE will cause noise, so it can be turned off to reduce the EMI emission if it


Similar Part No. - W78LE51-24

ManufacturerPart #DatasheetDescription
logo
Winbond
W78LE51 WINBOND-W78LE51 Datasheet
220Kb / 25P
   8-BIT MICROCONTROLLER
W78LE516 WINBOND-W78LE516 Datasheet
287Kb / 31P
   8-BIT MICROCONTROLLER
W78LE516 WINBOND-W78LE516 Datasheet
415Kb / 37P
   8-BIT MICROCONTROLLER
W78LE516-24 WINBOND-W78LE516-24 Datasheet
287Kb / 31P
   8-BIT MICROCONTROLLER
W78LE516A WINBOND-W78LE516A Datasheet
415Kb / 37P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78LE51-24

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E52B WINBOND-W78E52B Datasheet
306Kb / 22P
   8-BIT MTP MICROCONTROLLER
W78IE54 WINBOND-W78IE54 Datasheet
211Kb / 21P
   8-BIT MTP MICROCONTROLLER
W78E51B WINBOND-W78E51B Datasheet
324Kb / 23P
   8-BIT MTP MICROCONTROLLER
W78LE54 WINBOND-W78LE54 Datasheet
308Kb / 22P
   8-BIT MTP MICROCONTROLLER
W78LE52 WINBOND-W78LE52 Datasheet
309Kb / 22P
   8-BIT MTP MICROCONTROLLER
W78LE812 WINBOND-W78LE812 Datasheet
338Kb / 25P
   8-BIT MTP MICROCONTROLLER
logo
List of Unclassifed Man...
NT68F62 ETC1-NT68F62 Datasheet
509Kb / 57P
   8-Bit Microcontroller for Monitor (32K Flash MTP Type)
logo
ATMEL Corporation
ATAM510 ATMEL-ATAM510 Datasheet
979Kb / 72P
   MARC4 4-bit MTP Universal Microcontroller
T48C510 ATMEL-T48C510 Datasheet
492Kb / 61P
   MARC4 -4-bit MTP Universal Microcontroller
logo
List of Unclassifed Man...
M6759 ETC2-M6759_1 Datasheet
309Kb / 33P
   8-bit MTP Micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com