Electronic Components Datasheet Search |
|
340100101BDAM3W3SNMB Datasheet(PDF) 4 Page - ITT Industries |
|
340100101BDAM3W3SNMB Datasheet(HTML) 4 Page - ITT Industries |
4 / 301 page Dimensions are shown in mm (inch) Dimensions subject to change 3 Materials and Finishes Description Material Finish Shell Steel Tin Insulator Thermoplastic, UL 94V-0 None (color: dark green) Contact Socket: Copper Alloy Gold over Nickel. Terminating end Tin (Socket) Hardware Steel/Copper Alloy Tin/Zinc Specifications Temperature Rating −55°C to 125°C Current Rating 5 A Contact Resistance 10 m Dielectric Withstanding Voltage 1250 VAC at Sea Level Materials and Finishes Description Material Finish Shell Steel Tin Insulator Thermoplastic, UL 94-0 None (color: black) Contacts Copper Alloy Gold over Nickel Hardware Steel/Copper Alloy Tin/Zinc Specifications Temperature Rating −55°C to 105°C Current Rating 5 A Contact Resistance 15 m Dielectric Withstanding Voltage 1000 VAC at Sea Level D Subminiature Straight PCB Selection Guide Specifications Current Rating 5 A / 25 °C, 3.5 A / 70°C ambient Temperature Rating −55°C to 125°C Contact Resistance 10 m Test Voltage 1200 Vrms at Sea Level X Plated Through Hole 1,09 - 0,94 (.043 - .037) PC Tail Press-in Force 100N/contact max. PC Tail Push-out Force 30N/contact min. PC Board Thickness 3,20 - 1,60 (.125 - .062) Materials and Finishes Description Material Finish Shell Steel Tin Insulator Thermoplastic, UL 94V-0 None (color: black) Contact Copper Alloy Gold over Nickel (Standard) or Gold over PdNi (-408) Hardware Steel/Copper Alloy Tin/Zinc Materials and Finishes Description Material Finish Shell Steel Tin Insulator Thermoplastic, UL 94V-0 None (color: dark green) Contact Copper Alloy Gold over Nickel. Terminating end Tin (Socket only) Hardware Steel/Copper Alloy Tin/Zinc Specifications Temperature Rating −55°C to 125°C Current Rating 7.5 A Contact Resistance 55 millivolt max at 7.5 A test current Dielectric Withstanding Voltage 1000 VAC at Sea Level Materials and Finishes Description Material Finish Shell Steel Tin Insulator Thermoplastic, UL 94V-0 None (color: dark green) Contacts Copper Alloy Gold over Nickel in mating area, Tin on balance Hardware Steel/Copper Alloy Tin/Zinc Specifications Temperature Rating −55°C to 125°C Current Rating 5 A Contact Resistance 10 m Dielectric Withstanding Voltage 1250 VAC at Sea Level |
Similar Part No. - 340100101BDAM3W3SNMB |
|
Similar Description - 340100101BDAM3W3SNMB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |