Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78L801F-24 Datasheet(PDF) 11 Page - Winbond

Part # W78L801F-24
Description  8-BIT MICROCONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78L801F-24 Datasheet(HTML) 11 Page - Winbond

Back Button W78L801F-24 Datasheet HTML 7Page - Winbond W78L801F-24 Datasheet HTML 8Page - Winbond W78L801F-24 Datasheet HTML 9Page - Winbond W78L801F-24 Datasheet HTML 10Page - Winbond W78L801F-24 Datasheet HTML 11Page - Winbond W78L801F-24 Datasheet HTML 12Page - Winbond W78L801F-24 Datasheet HTML 13Page - Winbond W78L801F-24 Datasheet HTML 14Page - Winbond W78L801F-24 Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
W78L801
Publication Release Date: February 1999
- 11 -
Revision A3
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
DC Power Supply
VDD
−VSS
-0.3
+6.0
V
Input Voltage
VIN
VSS -0.3
VDD +0.3
V
Operating Temperature
TA
0
70
°C
Storage Temperature
TST
-55
+150
°C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability of the
device.
DC CHARACTERISTICS
Vss = 0V ; TA = 25
° C; unless otherwise specified.
PARAMETER
SYM.
SPECIFICATION
TEST CONDITIONS
MIN.
MAX.
UNIT
Operating Voltage
VDD
2.2
5.5
V
Operating Current
IDD
-
20
mA
VDD = 5.5V, 16 MHz, no load,
RST = 1
-
3
mA
VDD = 2.2V, 16 MHz, no load,
RST = 1
Idle Current
IIDLE
-
6
mA
VDD = 5.5V, 16 MHz, no load
-
1.5
mA
VDD = 2.2V, 16 MHz, no load
Power Down Current
IPWDN
-
50
µA
VDD = 5.5V, no load
-
30
µA
VDD = 2.2V, no load
Input
Input Current
P1, P2, P3, P4
IIN
-50
+10
µA
VDD = 5.5V
VIN = 0V or VDD
Input Current
RST
IIN2
-60
+300
µA
VDD = 5.5V
0 < VIN< VDD
Input Leakage Current
P0, EA
ILK1
-10
+10
µA
VDD = 5.5V
0V< VIN < VDD
Logic 1-to-0 Transition
Current
P1, P2, P3, P4
ITL
-500
-200
µA
VDD = 5.5V
VIN = 2V


Similar Part No. - W78L801F-24

ManufacturerPart #DatasheetDescription
logo
Winbond
W78L801F-24 WINBOND-W78L801F-24 Datasheet
309Kb / 24P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78L801F-24

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com