Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78LE58P-24 Datasheet(PDF) 3 Page - Winbond

Part # W78LE58P-24
Description  8-BIT MICROCONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78LE58P-24 Datasheet(HTML) 3 Page - Winbond

  W78LE58P-24 Datasheet HTML 1Page - Winbond W78LE58P-24 Datasheet HTML 2Page - Winbond W78LE58P-24 Datasheet HTML 3Page - Winbond W78LE58P-24 Datasheet HTML 4Page - Winbond W78LE58P-24 Datasheet HTML 5Page - Winbond W78LE58P-24 Datasheet HTML 6Page - Winbond W78LE58P-24 Datasheet HTML 7Page - Winbond W78LE58P-24 Datasheet HTML 8Page - Winbond W78LE58P-24 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Preliminary W78LE58
Publication Release Date: June 2000
- 3 -
Revision A1
PIN DESCRIPTION
SYMBOL
TYPE
DESCRIPTIONS
EA
I
EXTERNAL ACCESS ENABLE: This pin forces the processor to execute the
external ROM. The ROM address and data will not be presented on the bus if
the EA pin is high.
PSEN
O H
PROGRAM STORE ENABLE: PSEN enables the external ROM data in the
Port 0 address/data bus. When internal ROM access is performed, no PSEN
strobe signal outputs originate from this pin.
ALE
O H
ADDRESS LATCH ENABLE: ALE is used to enable the address latch that
separates the address from the data on Port 0. ALE runs at 1/6th of the
oscillator frequency.
RST
I L
RESET: A high on this pin for two machine cycles while the oscillator is
running resets the device.
XTAL1
I
CRYSTAL 1: This is the crystal oscillator input. This pin may be driven by an
external clock.
XTAL2
O
CRYSTAL 2: This is the crystal oscillator output. It is the inversion of XTAL1.
VSS
I
GROUND: ground potential.
VDD
I
POWER SUPPLY: Supply voltage for operation.
P0.0
−P0.7
I/O D PORT 0: Function is the same as that of standard 8052.
P1.0
−P1.7
I/O H PORT 1: Function is the same as that of standard 8052.
P2.0
−P2.7
I/O H PORT 2: Port 2 is a bi-directional I/O port with internal pull-ups. This port also
provides the upper address bits for accesses to external memory.
P3.0
−P3.7
I/O H PORT 3: Function is the same as that of the standard 8052.
P4.0
−P4.3
I/O H PORT 4: A bi-directional I/O. See details below.
* Note: TYPE I: input, O: output, I/O: bi-directional, H: pull-high, L: pull-low, D: open drain


Similar Part No. - W78LE58P-24

ManufacturerPart #DatasheetDescription
logo
Winbond
W78LE58 WINBOND-W78LE58 Datasheet
239Kb / 34P
   8-BIT MICROCONTROLLER
W78LE58 WINBOND-W78LE58_06 Datasheet
239Kb / 34P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78LE58P-24

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com