Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANTENNA_125 Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # ANTENNA_125
Description  Micro RWD 125kHz Antenna Specification
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

ANTENNA_125 Datasheet(HTML) 4 Page - rfsolutions.ltd

  ANTENNA_125 Datasheet HTML 1Page - rfsolutions.ltd ANTENNA_125 Datasheet HTML 2Page - rfsolutions.ltd ANTENNA_125 Datasheet HTML 3Page - rfsolutions.ltd ANTENNA_125 Datasheet HTML 4Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ib technology
4
Example Antennas
A)
0.236mm diameter (34 swg) Enamelled Cu wire.
Antenna 14.5cm internal diameter, 45 turns.
Approx 700uH
Maximum range: approx 20cm with HT2 card transponders
B)
0.236mm diameter (34 swg) Enamelled Cu wire.
Antenna 10cm internal diameter, 55 turns.
Approx 700uH
Maximum range: approx 15cm with HT2 card transponders
C)
0.236mm diameter (34 swg) Enamelled Cu wire.
Antenna 7cm internal diameter, 67 turns.
Approx 700uH
Maximum range: approx 10-15cm with HT2 card transponders
Examples of antenna (C) and a very small antenna for applications with limited space
No responsibility is taken for the method of integration or final use of Micro RWD
More information on the Micro RWD and other products can be found at the Internet web site:
http://www.ibtechnology.co.uk
Or alternatively contact IB Technology by email at:
sales@ibtechnology.co.uk


Similar Part No. - ANTENNA_125

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
ANTENNA_1356 RFSOLUTIONS-ANTENNA_1356 Datasheet
247Kb / 6P
   Micro RWD MF (Mifare) Antenna Specification
More results

Similar Description - ANTENNA_125

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
ANTENNA_1356 RFSOLUTIONS-ANTENNA_1356 Datasheet
247Kb / 6P
   Micro RWD MF (Mifare) Antenna Specification
EMPROT RFSOLUTIONS-EMPROT Datasheet
229Kb / 17P
   Micro RWD EM4102 Low Power Version
H1W200102 RFSOLUTIONS-H1W200102 Datasheet
57Kb / 10P
   Micro RWD H1 ?쏻iegand??Output Version
H2PROT RFSOLUTIONS-H2PROT Datasheet
168Kb / 9P
   Typical application configuration for Micro RWD module
MFPROT_LP RFSOLUTIONS-MFPROT_LP Datasheet
348Kb / 35P
   Micro RWD MF Mifare Low Power Version
logo
Melexis Microelectronic...
DVK90109 MELEXIS-DVK90109 Datasheet
971Kb / 13P
   125kHz RFID Development Kit
logo
World Produts Inc.
WPANT10014-SC WPI-WPANT10014-SC Datasheet
490Kb / 9P
   Micro-Hepta Antenna
WPANT10014 WPI-WPANT10014 Datasheet
222Kb / 5P
   Micro-Hepta Antenna
logo
List of Unclassifed Man...
MLX90109 ETC-MLX90109 Datasheet
143Kb / 9P
   125kHz RFID Integrated Transceiver
logo
SparkFun Electronics
SEN-09417 SPARKFUN-SEN-09417 Datasheet
96Kb / 2P
   RFID Button - 16mm (125kHz)
6??0??7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com