Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83194BR-C Datasheet(PDF) 3 Page - Winbond

Part # W83194BR-C
Description  200MHZ CLOCK FOR CAMINO CHIPSET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83194BR-C Datasheet(HTML) 3 Page - Winbond

  W83194BR-C Datasheet HTML 1Page - Winbond W83194BR-C Datasheet HTML 2Page - Winbond W83194BR-C Datasheet HTML 3Page - Winbond W83194BR-C Datasheet HTML 4Page - Winbond W83194BR-C Datasheet HTML 5Page - Winbond W83194BR-C Datasheet HTML 6Page - Winbond W83194BR-C Datasheet HTML 7Page - Winbond W83194BR-C Datasheet HTML 8Page - Winbond W83194BR-C Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
W83194BR-C
PRELIMINARY
Publication Release Date: Dec. 1999
- 3 -
Revision 0.40
4.0 PIN DESCRIPTION
IN - Input
OUT - Output
I/O - Bi-directional Pin
# - Active Low
* - Internal 250k
Ω pull-up
4.1 Crystal I/O
SYMBOL
PIN
I/O
FUNCTION
Xin
4
IN
Crystal input with internal loading capacitors and
feedback resistors.
Xout
5
OUT
Crystal output at 14.318MHz nominally.
4.2 CPU, 3V66, PCI, IOAPIC Clock Outputs
SYMBOL
PIN
I/O
FUNCTION
CPUCLK [0:2]
45,44
OUT
Low skew (< 250ps) clock outputs for host
frequencies such as CPU and Chipset.
CPU/2
42
O
As a reference signal for DRCG. The voltage is
determined by VDDQ2.
PD#
31
IN
Power Down mode when driven low.
SEL133/100#
25
IN
Frequency selection input pin.
PCICLK0/ *FS2
7
I/O
3.3V PCI clock during normal operation.
Latched input for FS2 at initial power up for H/W
selecting the output frequency of CPU, SDRAM and
PCI clocks.
PCICLK1/ *FS1
8
I/O
Low skew (< 250ps) PCI clock outputs.
Latched input for FS1 at initial power up for H/W
selecting the output frequency of CPU, SDRAM and
PCI clocks.
PCICLK[2,8:9]
10,11,12,13,15
,18,19
I/O
Low skew (< 250ps) PCI clock outputs.
PCICLK7/ *FS3
16
I/O
Low skew (< 250ps) PCI clock outputs.
Latched input for FS3 at initial power up for H/W
selecting the output frequency of CPU, SDRAM and
PCI clocks.
3V66 [0:2]
21, 22, 23
OUT
3.3V output clocks for the chipset.
IOAPIC[0:2]
46, 45, 1
O
Synchronous with CPU clocks, 2.5V.


Similar Part No. - W83194BR-C

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194BR-138 WINBOND-W83194BR-138 Datasheet
233Kb / 14P
   200MHZ CLOCK FOR SOLANO CHIPSET
W83194BR-323 WINBOND-W83194BR-323 Datasheet
319Kb / 18P
   STEPLESS CLOCK FOR INTEL BROOKDALE CHIPSET
W83194BR-372 WINBOND-W83194BR-372 Datasheet
332Kb / 24P
   CLOCK GENERATOR FOR SIS 746/748 CHIPSETS
W83194BR-39B WINBOND-W83194BR-39B Datasheet
276Kb / 20P
   STEP-LESS 3-DIMM CLOCK
W83194BR-603 WINBOND-W83194BR-603 Datasheet
696Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
More results

Similar Description - W83194BR-C

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194BR-97 WINBOND-W83194BR-97 Datasheet
207Kb / 11P
   200MHZ CLOCK FOR CAMINO CHIPSET
W83194AR-WE WINBOND-W83194AR-WE Datasheet
270Kb / 16P
   200MHZ CLOCK FOR WHITNEY CHIPSET
W83194BR-138 WINBOND-W83194BR-138 Datasheet
233Kb / 14P
   200MHZ CLOCK FOR SOLANO CHIPSET
W83194AR-96 WINBOND-W83194AR-96 Datasheet
214Kb / 12P
   200MHZ CLOCK FOR WHITNEY CHIPSET
W83194BR-S WINBOND-W83194BR-S Datasheet
295Kb / 17P
   200MHZ 2-DIMM CLOCK FOR SOLANO CHIPSET
W83195BR-25 WINBOND-W83195BR-25 Datasheet
264Kb / 18P
   200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET
W83195AR-WE WINBOND-W83195AR-WE Datasheet
178Kb / 10P
   200MHZ 3-DIMM CLOCK FOR WHITNEY CHIPSET
W83195AR-25 WINBOND-W83195AR-25 Datasheet
245Kb / 16P
   200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET
W83195BR-S WINBOND-W83195BR-S Datasheet
170Kb / 10P
   STEPLESS 200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET
W83194R-630A WINBOND-W83194R-630A Datasheet
159Kb / 11P
   166MHZ CLOCK FOR SIS CHIPSET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com